PART |
Description |
Maker |
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
SS510 SS58 SS55 SS53 SS54 SS52C SS5200 SS56 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
USCD012 USCD014 |
(USCD012 / USCD014) Schottky Barrier Rectifiers SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Zowie Technology Corporation
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
SCD32-15 |
3.0 AMP Surface Mount Schottky Barrier Rectifiers VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
BAS70-04T-7-F BAS70T-7-F BAS70-06T-7-F BAS70-05T D |
SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管 SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.07 A, 70 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
SR32-T1 SR32-T3 SR34-T1 SR34-T3 SR36-T3 SR36-T1 SR |
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 3.0A的表面贴装肖特基整流 WIREWAY 8" to 6" N1 Paint - Reducer
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
DFLS14010 DFLS140-15 DFLS140-7 |
Schottky Rectifiers 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI?123
|
Diodes Incorporated
|
SB310 |
Schottky Pack: SMC SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
|
Gulf Semiconductor
|
SB22-A SB23-A SB24-A SB25-A SB26-A |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|