PART |
Description |
Maker |
CM50DY-24H |
Dual IGBTMOD 50 Amperes/1200 Volts 50 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
CM100DY-24H |
Dual IGBTMOD 100 Amperes/1200 Volts 100 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT11GF120BRDQ1 APT11GF120BRDQ1G |
FAST IGBT & FRED Insulated Gate Bipolar Transistor-NPT Medium Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3; IC (A): 11; 25 A, 1200 V, N-CHANNEL IGBT, TO-247AC
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Microsemi, Corp.
|
BSM15GP120DL BSM150GAL120DL |
15 A, 1200 V, N-CHANNEL IGBT ECONOPIM 150 A, 1200 V, N-CHANNEL IGBT
|
|
0500DP44A1215 |
1200 /1200 MHz Diplexer (BPF/BRF)
|
Johanson Technology Inc.
|
TA202412 TA202414 TA203012 TA203014 TA204012 TA204 |
Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts) 第一阶段控制晶闸管(1200-1400安培平均2400-4000伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
IRGC100B120KB |
1200 V, N-CHANNEL IGBT
|
|
MIXA40W1200TMH |
60 A, 1200 V, N-CHANNEL IGBT
|
IXYS CORP
|
CM75RX-24A |
75 A, 1200 V, N-CHANNEL IGBT
|
POWEREX INC
|
IRGC75B120KB |
1200 V, N-CHANNEL IGBT
|
|