PART |
Description |
Maker |
RURG3020CC FN3552 |
From old datasheet system 30A 200V Ultrafast Dual Diode 30A, 200V Ultrafast Dual Diode
|
INTERSIL[Intersil Corporation]
|
OM6035NM |
200V, N-Channel, 30Amp MOSFET(200V ,30A, N沟道,MOS场效应管) 00V,N沟道30Amp MOSFET的(00V0A条,沟道来说,MOS场效应管
|
Omnirel International Rectifier, Corp.
|
CURMT103-HF |
Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A
|
Comchip Technology
|
FFPF30UP20ST |
30A, 200V, Ultrafast Diode
|
Fairchild Semiconductor
|
RCJ300N20 |
Nch 200V 30A Power MOSFET
|
Rohm
|
H30D20 H30D05 H30D10 H30D15 |
HIGH EFFICIENCY RECTIFIERS(30A/50-200V) HIGH EFFICIENCY RECTIFIERS(30A,50-200V)
|
MOSPEC[Mospec Semiconductor]
|
2N6765 2N6766 |
N-Channel Power MOSFETs, 30A, 150V/200V N-Channel Power MOSFETs 30A 150V/200V
|
FAIRCHILD[Fairchild Semiconductor]
|
RE5VL27C-RR RH5VL27C-RR RN5VL27C-RR RE5VL27C-RF RN |
Industrial Control IC RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 tact switches with radial lead packaging designed for automatic feed SWITCH TACT SEALED 6.9MM 300GF High Speed CMOS Logic Hex D-Type Flip-Flops with Reset 16-SOIC -55 to 125 Metal Film Resistor - RN 1/4 T2 20 1% A Voltage Detector 电压检测器 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-TSSOP -55 to 125 电压检测器 SWITCH TACT SEALED 5.2MM 300GF 电压检测器 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 POWER SUPPLY SUPPORT CKT, PSSO3 sealed, tactile switch with multiple gram force options and multiple actuator lengths SWITCH TACT SEALED 4.7MM 300GF SWITCH TACT SEALED 10MM 130GF POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR
|
Ricoh Co., Ltd. Samsung Semiconductor Co., Ltd. Atmel, Corp. Littelfuse, Inc. RICOH COMPANY LTD RICOH electronics devices d... RICOH electronics devic...
|
STGW30NC60WD |
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH?/a> IGBT N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
2SB0940P |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 30A I(C) | TO-220AB 晶体管|晶体管|进步党| 200伏五(巴西)总裁| 30A条一(c)| TO - 220AB现有
|
3M Company
|
EVDD430CI EVDD430MCI EVDD430CY EVDD430S EVDD430MYI |
30A Ultra Fast MOSFET / IGBT Driver Evaluation Boards
|
IXYS Corporation
|