Part Number Hot Search : 
ACHIP DG411DK UPD78 RN2106CT CH2NDN MC3520P AX88141 TA8233
Product Description
Full Text Search

BYW81P -    HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管

BYW81P_178310.PDF Datasheet

 
Part No. BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW81PI-200 BYW81
Description    HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes
; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管

File Size 66.25K  /  6 Page  

Maker


http://
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
ST Microelectronics



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: BYW81P-200
Maker: ST
Pack: TO220
Stock: Reserved
Unit price for :
    50: $1.77
  100: $1.68
1000: $1.60

Email: oulindz@gmail.com

Contact us

Homepage http://www.st.com/
Download [ ]
[ BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW81PI-200 BYW81 Datasheet PDF Downlaod from Datasheet.HK ]
[BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW81PI-200 BYW81 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for BYW81P ]

[ Price & Availability of BYW81P by FindChips.com ]

 Full text search :    HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管


 Related Part Number
PART Description Maker
 
 Related keyword From Full Text Search System
BYW81P laser diode BYW81P bridge BYW81P Specification of BYW81P text BYW81P transformer
BYW81P intersil BYW81P datasheet online BYW81P gaas BYW81P Rectifier BYW81P Protect
 

 

Price & Availability of BYW81P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5710549354553