PART |
Description |
Maker |
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
83C453 87C453 P87C453EBAA P83C453EBAA |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列8K/256检察官办公光盘,扩展的I / O 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
P89LPC932BA P89LPC932FDH P89LPC932BDH P89LPC932FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM 80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
P83C660X2FA P87C660X2FA P83C661X2BBD P87C661X2BBD |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
P89LPC935FHN P89LPC933HDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89LPC9351 P89LPC9351FA P89LPC9351FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors
|
P89LPC936FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89C660 P89C668HBA P89C668HBBD P89C660HBBD P89C660 |
80C51 8-bit Flash microcontroller family
|
NXP Semiconductors
|
P87C552 P87C552_2 |
80C51 8-bit microcontroller From old datasheet system
|
Philips
|