PART |
Description |
Maker |
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
74ALVT162821 AV162821DL 74ALVT162821DGG 74ALVT1628 |
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30Ω termination resistors(3-State)(30 Ω终端电阻.5V/3.3V 20位总线接口上升沿触D触发器(三态)) 2.5V/3.3V0位总线接口D型触发器,积极与30Ω终端电阻3态)(带30Ω终端电阻.5V/3.3V0位总线接口上升沿触发沿触发触发器(三态) Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SO -40 to 85 2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State 2.5 V / 3.3 V 20-bit bus-interface D-type flip-flop, positive-edge trigger with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M74HCT161 M74HCT161M1R M74HCT161B1R |
HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16 HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
STMicroelectronics
|
ICS16859 ICSSSTV16859YG-T ICSSSTV16859YGLF-T |
SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO64 6.10 MM, 0.50 MM PITCH, TSSOP-64 DDR 13-Bit to 26-Bit Registered Buffer
|
Integrated Device Technology, Inc. Integrated Circuit Systems
|
74HCT4510 74HC4510 74HC4510PW 74HC4510D 74HC4510DB |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 BCD up/down counter HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDSO16 BCD up/down counter HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16 BCD up/down counter BCD码向向下计数
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MEC1-105-02-S-D MEC1-120-02-S-D-A |
1MM MINI-EDGE CARD ASSEMBLY 10 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET CONN EDGE CARD DL 1MM 40POS SMD
|
Samtec, Inc. SAMTEC INC
|
HCTS193D HCTS193DMSR HCTS193HMSR HCTS193K HCTS193K |
Radiation Hardened Synchronous 4-Bit Up/Down Counter HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL BINARY COUNTER, CDIP16 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
EDG0308 EDG0408 GSM0308 GSM0408 GSM0306 |
Utilizes leading-edge GSM/GPRS/EDGE silicon
|
List of Unclassifed Manufacturers
|
74LVCH16374APAG |
IC LOGIC 16374 CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-48 39/TUBE LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology, Inc.
|
MC100EP016FAG MC10EP016FAR2G MC100EP016MNG MC10EP0 |
3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 100EP SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 10E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 ECL 8-Bit Synchronous Binary Up Counter
|
ON Semiconductor
|
74LVT162374DL 74LVT162374DGG 74LVT162374 |
3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State 3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|