PART |
Description |
Maker |
MAX3658BE/D MAX3658AE/D MAX3658AETA |
622Mbps / Low-Noise / High-Gain Transimpedance Preamplifier 622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
B-13-622-TDPM3-SSC4-60 B-15-622-TDPM3-SSC4-60 B-13 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
CT2-PL1LATD53C1 CT2-PL1LFTD33C1 CT2-PL1LKTD51C1 |
FIBER OPTIC TRANSCEIVER, 1280-1335nm, 622Mbps(Tx), 622Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS UNIPHASE CORP
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
MAX3675 |
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
|
MAXIM - Dallas Semiconductor
|
5962-9231604MTA 5962-9231602MXA 5962-9231603MYA 59 |
622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications 2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector 155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control x1的SRAM Precision, Quad, SPST Analog Switches x1的SRAM
|
Vicor, Corp.
|
ATF-551M4 ATF-551M4-TR2 ATF-551M4-BLK ATF-551M4-TR |
ATF-551M4 · Single Voltage E-pHEMT Low Current Low Noise 24dBm OIP3 in MiniPak Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SY88793V SY88793VKC SY88793VKCTR SY88793VKG SY8879 |
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
|
Micrel Semiconductor
|
T-11-622-D3-SSCG5 T-11-622-D3-SMUG5 T-11-622-D3-SM |
FIBER OPTIC RECEIVER, 1100-1650nm, 622Mbps, THROUGH HOLE MOUNT, LC CONNECTOR FIBER OPTIC RECEIVER, 1100-1650nm, 622Mbps, THROUGH HOLE MOUNT, MU CONNECTOR 622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
|
Source Photonics, Inc.
|
BC559B BC560C ON0153 BC559C BC559BZL1 |
Low Noise Transistor PNP Low Noise Transistors CASE 29-04, STYLE 17 TO-2 (TO-226AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|