Part Number Hot Search : 
BFP420 25DMB TGA1307 0320H 08377 F1060 K20J60 ST6080D
Product Description
Full Text Search
  64-tssop Datasheet PDF File

For 64-tssop Found Datasheets File :: 4844    Search Time::1.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FAIRCHILD[Fairchild Semiconductor]
Part No. TSSOP-28
OCR Text ...6 0.06 0.20 52.67 40.91 0.77 17.64 1.53 2.05 CAS # Copper alloy 7440-50-8 7440-02-0 7440-21-3 7439-95-4 7440-22-4 Encapsulation Epoxy 6.02E-02 Silica Carbon Black Resin Antimony Compound Brominated Compound 1309-64-4 68541...
Description TSSOP-28

File Size 98.34K  /  1 Page

View it Online

Download Datasheet





    FAIRCHILD[Fairchild Semiconductor]
Part No. TSSOP-56
OCR Text ...und Brominated Compound 1309-64-4 68541-56-0 Plating Solder 8.84E-03 Tin Lead or Lead-free Solder 8.84E-03 Tin 1.90E-03 Silicon and trace metals 2.22E-04 Silver Resin 1.37 1.17 0.21 1.37 1.37 0.84 0.84 6.87 5.84 1.03...
Description Fairchild Semiconductor Product Package Material Disclosure

File Size 90.72K  /  1 Page

View it Online

Download Datasheet

    Fairchild Semiconductor, Corp.
Part No. 74LVT162245MEAX
OCR Text ...outputs source/sink ? 32 ma/ + 64 ma functionally compatible with the 74 series 162245 latch-up performance exceeds 500 ma esd perfor...tssop), jedec mo-153, 6.1mm wide [tube] 74lvt162245mtdx mtd48 48-lead thin shrink small outline pack...
Description 256K, 32K X 8, 2.5V SER EEPROM, -40C to 125C, 8-TSSOP, TUBE 位总线收发

File Size 91.47K  /  9 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text 64 Position Replaces Four Potentiometers 10 k , 100 k Power Shutdown--Less than 5 A 3-Wire SPI-Compatible Serial Data Input 10 MHz Update Da...TSSOP-24 packages. Each part contains a fixed resistor with a wiper contact that taps the fixed resi...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    FAIRCHILD[Fairchild Semiconductor]
Part No. ACE8001EMT8X ACE8001EM8 ACE8001MT8X ACE8000EM8X ACE8001MT8 ACE8001M8 ACE8000 ACE8000EM8 ACE8000M8 ACE8000M8X ACE8001M8X ACE8001EM8X ACE8001EMT8 ACE8001
OCR Text ...ly has an 8-bit core processor, 64 bytes of RAM, 64 bytes of data EEPROM and 1K bytes of code EEPROM. Its on-chip peripherals include a prog...TSSOP packages. s Multi-input wake-up 3 I/O pins s 8-bit Timer1 with PWM output s On-chip oscillator...
Description ACE8001 Product Family Arithmetic Controller Engine (ACEx⑩) for Low Power Applications
ACE8001 Product Family Arithmetic Controller Engine (ACEx) for Low Power Applications
Arithmetic Controller Engine (ACEx) for Low Power Fast Access Applications, Fixed Reset

File Size 201.33K  /  31 Page

View it Online

Download Datasheet

    DS278209 DS2782G DS2782GTR DS2782G-5TR

Maxim Integrated Products
Part No. DS278209 DS2782G DS2782GTR DS2782G-5TR
OCR Text ... 16-Byte User EEPROM and Unique 64-Bit ID Industry 2-Wire Interface with Programmable Slave Address Tiny 8-Pin TSSOP and 10-TDFN Packages Embed Easily in Thin Prismatic Cell Packs TOP MARK 2782+ 2782+ 2782+ 2782+ TYPICAL OPERATING CIRCUI...
Description Stand-Alone Fuel Gauge IC

File Size 400.38K  /  28 Page

View it Online

Download Datasheet

    Fairchild Semiconductor, Corp.
Part No. ACE1101BVN
OCR Text ... an 8-bit microcontroller core, 64 bytes of ram, 64 bytes of data eeprom and 1k bytes of code eeprom. its on-chip peripherals include a mult...tssop, 8-pin dip and 14-pin dip packages. features arithmetic controller engine 1k bytes on-boar...
Description 8-BIT MICROCONTROLLER 8位微控制

File Size 2,059.01K  /  35 Page

View it Online

Download Datasheet

    AD5064

Analog Devices
Part No. AD5064
OCR Text 64 rev. prd information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assume...tssop applications process control data acquisition systems portable battery-powered instrumen...
Description (AD50x4) DAC SPI Interface

File Size 401.57K  /  29 Page

View it Online

Download Datasheet

For 64-tssop Found Datasheets File :: 4844    Search Time::1.657ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 64-tssop

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62574791908264