PART |
Description |
Maker |
GP1FH500RZ |
FIBER OPTIC RECEIVERS 光纤接收 Square Type Fiber Optic Transmitter/Receiver for
Personal Computer
|
Fairchild Semiconductor, Corp. SHARP
|
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
C-141-1250-TDFB3-SSC2 C-141-1250C-TDFB3-SSC2 C-159 |
1.25 Gbps CWDM Single Mode Transceiver(3.3V) FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc. http://
|
27-7402-250 27-7602-250 27-7702-250 27-7552-190 27 |
Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules FIBER OPTIC TRANSMITTER, 973-975nm, PANEL MOUNT, BUTTERFLY FIBER OPTIC TRANSMITTER, 975-977nm, PANEL MOUNT, BUTTERFLY
|
http:// JDS Uniphase Corporation
|
DWCC22P0199L2B3 DWCC22A0199L2B3 DWCC12A0199L2B3 DW |
FIBER OPTIC SPLITTER/COUPLER, 2X2PORT, 99/1, SC/PC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/PC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 80/20 FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/UPC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/APC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/SPC CONNECTOR
|
LIGHTEL TECHNOLOGIES INC
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
SPFMIT302 |
Plastic Fiber Optic Transmitter including BigfootIC for MOST 塑料光纤传输器,包括大脚⑩集成电路变 Plastic Fiber Optic Transmitter including Bigfoot⑩ IC for MOST Plastic Fiber Optic Transmitter including Bigfoot IC for MOST
|
INFINEON[Infineon Technologies AG]
|
FJJGM5CIW FJJGM5CEI |
Fiber Optic Connector RoHS Compliant: Yes 62.5/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, JACK Fiber Optic Connector RoHS Compliant: Yes 62.5/125 um, MULTI MODE, DUPLEX FIBER OPTIC CONNECTOR, JACK
|
Panduit, Corp.
|
OTPT-351A OTPT-361A OTPT-347A OTPT-349A OTPT-304A |
FIBER OPTIC RECEIVER, SC/APC CONNECTOR FIBER OPTIC RECEIVER, 1607-1613nm, SC/APC CONNECTOR FIBER OPTIC RECEIVER, 1290-1330nm, SC/APC CONNECTOR
|
Olson Technology, Inc.
|
180-073B06-13-4-89 180-073M06-13-4-89 180-073NF06- |
Fiber Optic Test Adapter SIMPLEX FIBER OPTIC ADAPTER, PLUG
|
Glenair, Inc. GLENAIR INC
|
180-044B06-13-4-8P 180-044M06-13-4-8P 180-044NF06- |
Fiber Optic Test Adapter SIMPLEX FIBER OPTIC ADAPTER, PLUG
|
Glenair, Inc. GLENAIR INC
|
ISSA13AB1 ISSA15AL1 ISSP13AB2 ISSP13AL2 ISSP13AL4 |
FIBER OPTIC ISOLATOR, FC/PC CONNECTOR FIBER OPTIC ISOLATOR, FC/APC CONNECTOR FIBER OPTIC ISOLATOR, SC/APC CONNECTOR FIBER OPTIC ISOLATOR, FC/SPC CONNECTOR FIBER OPTIC ISOLATOR, SC/UPC CONNECTOR FIBER OPTIC ISOLATOR, LC/SPC CONNECTOR
|
LIGHTEL TECHNOLOGIES INC
|
|