PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
KA78R12CTSTU KA78R12CTU KA78R33CYDTU KA78R05C KA78 |
1A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 1A Fixed 15V Low Dropout Voltage Regulator (LDO) 1A Fixed 12V Low Dropout Voltage Regulator (LDO) 1A Fixed 8V Low Dropout Voltage Regulator (LDO) 1A Fixed 9V Low Dropout Voltage Regulator (LDO) 1A Fixed 5V Low Dropout Voltage Regulator (LDO) 1A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
B1586 B1586S-1.5 B1586S-2.5 B1586S-3.0 B1586S-3.3 |
1.5A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 1.5A low dropout voltage regulator 2.5V 1.5A low dropout voltage regulator 3.0V 1.5A low dropout voltage regulator 3.3V 1.5A low dropout voltage regulator Adjustable 1.5A low dropout voltage regulator
|
BayLinear
|
B1587 B1587S-1.5 B1587S-2.5 B1587S-3.0 B1587S-3.3 |
3.0V 4.0A low dropout voltage regulator 2.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator
|
BayLinear ETC
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
B4500 B4500CN B4500CR B4500CN-5.7 B4500CR-5.7 B450 |
6.0V 500mA low dropout voltage regulator 500 mA Low Dropout Voltage Regulators 5.7V 500mA low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. BayLinear
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|