PART |
Description |
Maker |
ADM483 ADM483AR ADM483AR-REEL7 ADM483JR ADM483JR-R |
5V Low Power, Slew-Rate Limited 5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
SN75176BDR |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Tiger Electronic Co.,Lt...
|
ILX3485 ILX3485D ILX3485N |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
|
IK Semicon Co., Ltd
|
HA9P2850-5 HA-2850 HA-2850_03 HA-285003 |
470MHz, Low Power, High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
SP3483CN_TR SP3483EN_TR SP348304 SP3483EP SP3483 S |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ADM489 ADM488 |
Low Power, Slew Rate Limited RS-485, Contains an Additional Receiver and Driver Enable Control
|
Analog Devices
|
BTS3256D |
10 mΩ smart power single channel low side switch with restart and variable slew rate
|
http://
|
ISL8488E07 ISL8490E ISL8490EIBZ ISL8491E ISL8491EI |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 【15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
Intersil Corporation
|