PART |
Description |
Maker |
PR36MF2XNSZ |
Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic
|
PR33MF51NIPF PR33MF51YIPF PR33MF51NSZF PR33MF51YSZ |
Non-Zero Cross type DIP 8pin Triac output SSR
|
Sharp Electrionic Components
|
PC3SH11YFZ PC3SH11YFZAF PC3SH11YIPB PC3SH11YIPBF |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER SMT, PLASTIC, DIP-4 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-4
|
Sharp Electrionic Components Sharp Microelectronics of the Americas Sharp Electronics, Corp.
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
6N138STA 6N138STA-V 6N138S1TA-V 6N139 |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER ROHS COMPLIANT, SURFACE MOUNT, DIP-8 8 PIN DIP LOW INPUT CURRENT HIGH GAIN
|
Everlight Electronics Co., Ltd.
|
P87LPC762 P87LPC762BD P87LPC762BDH P87LPC762BN P87 |
Low power low price low pin count 20 pin microcontroller with 2 kbyte OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,DIP,20PIN,PLASTIC Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
|
PHILIPS[Philips Semiconductors]
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
HI340 |
RELAY SSR SPST 120MA 6-DIP NPN EPITAXIAL PLANAR TRANSISTOR
|
HSMC CORP. Hi-Sincerity Mocroelectronics
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
PS7142-1B PS7142-1B-A PS7142-2B PS7142-2B-A PS7142 |
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭通道通道光学耦合场效应晶体管 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭1通道通道光学耦合场效应晶体管 XTAL MTL T/H HC49/US 6引脚DIP00伏电压分解,常闭通道通道光学耦合场效应晶体管 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP00伏电压分解,常闭通道2通道光学耦合场效应晶体管 XTAL MTL SMT HC49/USM
|
California Eastern Laboratories, Inc. ITT, Corp. California Eastern Labs
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
|