PART |
Description |
Maker |
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
CA308T_S_AT_AS CA308T/S/AT/AS CA108S/AT/AS CA208S/ |
5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface Triple 2-channel analog multiplexer/demultiplexer 12 A Snubberless", logic level and standard triacs Voltage-FeedbackOperationalAmplifier
|
|
BT136F BT136F-500 BT136F-500F BT136F-500G BT136F-6 |
Triacs 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 DIODE ZENER SINGLE 500mW 22Vz 5.6mA-Izt 0.05 0.1uA-Ir 17Vr DO35-GLASS 5K/AMMO DIODE ZENER SINGLE 500mW 18Vz 7mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB DIODE ZENER SINGLE 500mW 19Vz 6.6mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] Aimtron Technology Corp. NXP Semiconductors N.V.
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BTA201-800B BTA201-800E BTA201-800ER BTA201-600B B |
Triacs logic level
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT131 |
TRIACS LOGIC LEVEL
|
UTC
|
BT134-600D127 |
Triacs logic level
|
NXP Semiconductors
|
BT137S-600D |
Triacs logic level
|
PHILIPS[Philips Semiconductors]
|
BT131-600D BT131-600E |
Triacs logic level
|
Philips Semiconductors
|
4T06F-CW 4T08A-SW 4T08A-TW 4T08F-D 4T10AI-CW 4T10A |
TRIACs, 4A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
BTA16-600SW |
HIGH PERFORMANCE LOGIC LEVEL TRIACS
|
ST Microelectronics
|