Part Number Hot Search : 
60506 200MW SCG102A 93A915 MCF54 EMW576P 05583 2SC57
Product Description
Full Text Search
  multi-level Datasheet PDF File

For multi-level Found Datasheets File :: 15453    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Atmel Corp.
Part No. T89C5121-ICRIL T85C5121-ICSIL T89C5121-ICSIL T85C5121-ICRIL T85C5121-S3SIL T85C5121-S3RIL T83C5121XXX-S3RIL T83C5121XXX-ICRIL T83C5121XXX-S3SIL T83C5121XXX-ICSIL
OCR Text ...utomatic level shifter option  multi-protocol smart card interface ? certified with dedicated firmware according to iso 7816, emv2000, gie-cb, gsm 11.12v and whql standards ? asynchronous protocols t = 0 and t = 1 with direct and inverse ...
Description 8-bit Microcontroller with Multi protocol SMART Card Interface
MINIATURE POWER RELAY

File Size 739.04K  /  110 Page

View it Online

Download Datasheet





    pmc
Part No. 2001562
OCR Text ...ONS * Edge and Core Routers. * Multi-Service (Multi-Protocol) Switches. * Internet POP and Transport POP L2 Ethernet Switches. * Uplink cards. * 10 Gigabit Ethernet test equipment. TYPICAL APPLICATION 10 GIGABIT ETHERNET ROUTER PORT AP...
Description From old datasheet system

File Size 20.97K  /  2 Page

View it Online

Download Datasheet

    PM5364

PMC-Sierra, Inc
Part No. PM5364
OCR Text multi-channel, payload processor for aligning SONET virtual tributaries (VTs) or SDH tributary units (TUs) in an STS-48/STM-16 or four STS-1...level payload processors, 2 x ingress and egress STS-1/STM-0 granular time slot interchanges, 8 x in...
Description SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s

File Size 47.66K  /  2 Page

View it Online

Download Datasheet

    Sanyo
Part No. LC863096 LC86F3248A
OCR Text ...liant serial interface circuit (multi-master type) - rom correction function - 16-source 10-vectored interrupt system - integrated system...level nesting is possible. low or high priority can be assigned to the interrupts from 3 to 10 l...
Description 8 Bit Single Chip Microcontroller

File Size 657.17K  /  20 Page

View it Online

Download Datasheet

    Cypress Semiconductor Corp.
Part No. CY8C24794-SPI CY8C24794-SPAX CY8C24794-SPLFX CY8C24794-SPE CY8C24794-SPPX CY8C24794-SPSX CY8C24794-SPPVX CY8C24794-SPC CYPRESSSEMICONDUCTORCORP.-CY8C24794-SPAX
OCR Text ...s ? i 2 c ? slave, master, and multi-master to 400 khz ? watchdog and sleep timers ? user-configurable low voltage detection ? integrated ...level, low level, and change from last read. the digital system the digital system is composed of 4...
Description Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit
Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2
PSoCTM Mixed-Signal Array PSoCTM混合信号阵列
Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列

File Size 331.05K  /  32 Page

View it Online

Download Datasheet

    H7EC-N H7ET-NV-H H7EC-NV-H

Omron Electronics LLC
Part No. H7EC-N H7ET-NV-H H7EC-NV-H
OCR Text ...0 hz 1 khz (except for ac/dc multi- voltage input models) for the most recent information on models that have been certified for safety ...level: 4.5 to 30 vdc low (logic) level: 0 to 2 vdc (input impedance: approx. 4.7 k ? ) high (logic) ...
Description Compact Economical Totalizer with High Visibility Available with Backlit LCD Display

File Size 2,728.82K  /  33 Page

View it Online

Download Datasheet

    FAM-30X1S-T20 FAM-30X1S-T7

Source Photonics, Inc.
Part No. FAM-30X1S-T20 FAM-30X1S-T7
OCR Text ...istance of 7km and 20km Support multi-rate operation from 9.953Gb/s to 11.318 Gb/s 1310nm externally EA modulated laser Wide dynamic range I...Level LVDS LVDS LVDS LVDS LVDS RxDout0: LSB, RxDout15: MSB Notes TxDin0: LSB, TxDin15: MSB Table ...
Description OC-192/STM-64 SFF Transponder
FIBER OPTIC TRANSCEIVER, 1290-1330nm, 10000Mbps(Tx), 10000Mbps(Rx), PANEL MOUNT, SC CONNECTOR

File Size 236.58K  /  14 Page

View it Online

Download Datasheet

    CY8C24094

Cypress Semiconductor
Part No. CY8C24094
OCR Text ...s ? i 2 c ? slave, master, and multi-master to 400 khz ? watchdog and sleep timers ? user-configurable low voltage detection ? integrated ...level, low leve l, and change from last read. the digital system the digital system is composed of ...
Description (CY8C24x94) Mixed-Signal Array

File Size 675.11K  /  48 Page

View it Online

Download Datasheet

    PM300CBS060

POWEREX INC
POWEREX[Powerex Power Semiconductors]
Part No. PM300CBS060
OCR Text ...limodTM Module MAXISS SeriesTM Multi AXIS Servo IPM 300 Amperes/600 Volts D F H G A E G G M V 1 4 10 15 Y TERMINAL CODE 1. VWPC ...Level OC Tj = -20C, VD = 15V Tj = 25C, VD = 15V Tj = 125C, VD = 15V Short Circuit Trip Level Over Cu...
Description Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (300 Amperes/600 Volts)
IntellimodModule MAXISS SeriesMulti AXIS Servo IPM (300 Amperes/600 Volts)
Intellimod Module MAXISS Series Multi AXIS Servo IPM (300 Amperes/600 Volts)
Intellimod⑩ Module MAXISS Series⑩ Multi AXIS Servo IPM (300 Amperes/600 Volts)

File Size 94.55K  /  6 Page

View it Online

Download Datasheet

    TH58NVG5S0FTA20

Toshiba Semiconductor
Part No. TH58NVG5S0FTA20
OCR Text ...ase, status read, page copy, multi page program, multi block erase, multi page copy, multi page read ? mode control serial input/o...level input voltage 2.7 v v cc 3.6 v vcc x 0.8 ? v cc + 0.3 v v il low level inp...
Description 32 GBIT (4G × 8 BIT) CMOS NAND E2PROM

File Size 706.20K  /  73 Page

View it Online

Download Datasheet

For multi-level Found Datasheets File :: 15453    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of multi-level

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76831102371216