PART |
Description |
Maker |
PE9935-60-B PE9935-60-R PE9935-18-B PE9935-18-R PE |
SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPAE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP
|
Pasternack Enterprises, Inc.
|
0640081070 |
Square DIN style die sets used with 300 MCM compression lugs
|
Molex Electronics Ltd.
|
GWS |
Vitreous Wirewound Resistors with Lugs, Complete welded construction, Available in adjustable or non-inductive design, TC 100. . .180ppm/K
|
Vishay
|
LCC10-14BWH-L LCC10-14AW-L LCC10-14AWF-L LCC10-14B |
Copper Compression Lugs For Terminating 14 ?10 AWG Copper Conductors
|
PANDUIT CORP.
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|
M712-3241942R M712-3261942R |
HDMI Connector, Horizontal SMT, Panel mount flange, Type A, Straight (normal) location pegs, With rear plastic lugs, selective gold tin 19 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT HDMI Connector, Horizontal SMT, Panel mount flange, Type A, Retaining (hook) location pegs, With rear plastic lugs, selective gold tin 19 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT
|
Harwin PLC TE Connectivity, Ltd.
|
NFM3DCC222R1H3L NFM41CC102R2A3L NFM41CC471R2A3L NF |
CAP 3 TERMINAL 2200PF 端子2200PF CAP 3 TERMINAL 1000PF 端子1000pF CAP 3 TERMINAL 470PF CAP 3 TERMINAL 220PF
|
Murata Manufacturing Co., Ltd.
|
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
1412B-112-12 1412B-11-12 1622C-17-12 780-112-12 78 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
PN10-6F-D |
Fork Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#6; Insulator Color:Yellow; Terminal Insulation:Nylon; Pack Quantity:500 COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp.
|