PART |
Description |
Maker |
LX8819 LX8819-25CDF LX8819-25CDT LX8819-33CDT LX88 |
DUAL OUTPUT, FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Dual Channel 1A Low Dropout Regulator
|
MICROSEMI[Microsemi Corporation]
|
CS8363YDPSR7 CS8363YDPS7 CS8363 |
3.3V Dual Micropower Low Dropout Regulator with ENABLEbar and RESETbar 3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ONSEMI[ON Semiconductor]
|
LX8821 LX8821CDF |
Low Drop Out Regulator DUAL CHANNEL 2.5A LOW DROPOUT REGULATOR
|
MICROSEMI[Microsemi Corporation]
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
SI-3002KWD SI-3002KWD-TL |
1 A, low-dropout, dual output, 2.5 V & 3.3 V regulator. SI-3002KWD 1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
MC33762DM-2525R2 |
Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8
|
ON Semiconductor
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UR13318L-TQ5-R UR13318L-TQ5-T UR13318-TN5-T UR1331 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSSO5 LEAD FREE, TO-263, 5 PIN 2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd.
|
CS8161YTVA5 CS8161YTHA5 CS8161YT5 CS8161 CS8161YDW |
12V/ 5V Low Dropout Dual Regulator with ENABLE 12V, 5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
Cherry Semiconductor Co... CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|