PART |
Description |
Maker |
1-282888-0 1-282888-1 282888-2 282888-3 282888-4 2 |
TERMINAL BLOCK, PCB MOUNT 1ST AND 2ND LEVEL, STACKING W/INTERLOCK, 5.00mm PITCH
|
Tyco Electronics
|
SZ1SMB |
The SZ1SMB series is designed to protect voltage sensitive components from high voltage
|
Littelfuse
|
SP1006-01UTG |
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience...
|
Littelfuse
|
SAC10 SAC12 |
The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
5KP180A-HR 5KP85A-HR 5KP48A-HR 5KP15A-HR |
The 5KP-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
15KPA120A-HR 15KPA40A-HR 15KPA30A-HR |
The 15KPA-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
|
Littelfuse
|
1SMA10AT3G 1SMA9.0AT3G |
The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
|
Littelfuse
|
SLVU2.8-4 |
The SLVU2.8-4 was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
|
Littelfuse
|
MAX14808 MAX14809 |
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
|
Maxim Integrated Products
|
ADP3412 ADP3412JR |
Replaced by BQ29415 : Voltage Protection for 2, 3, or 4 Cell LiIon Batteries (2nd Lev Protection) 8-SM8 -25 to 85 Dual MOSFET Driver with Bootstrapping
|
Analog Devices, Inc. AD[Analog Devices]
|
AOZ8212 AOZ8212CI-05L AOZ8212CI-24 |
Two-line Bi-directional TVS Diode two-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
|
Alpha & Omega Semiconductors Alpha & Omega Semicondu...
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|