PART |
Description |
Maker |
MC78L06F09 MC78L06F-TP |
Three-Terminal Low Current Positive Voltage Regulat
|
Micro Commercial Components
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
B1582 B1582J-1.5 B1582J-2.5 B1582J-3.0 B1582J-3.3 |
1.5 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator 2.5 4.0A low dropout voltage regulator
|
BayLinear
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AMS1503 AMS1503CM AMS1503CM-15 AMS1503CM-25 AMS150 |
3A LOW DROPOUT VOLTAGE REGULATORS 3A低压降稳压器 3A LOW DROPOUT VOLTAGE REGULATORS A低压降稳压器 LPB RND MNT BLK SLGP SLDR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
NCP1117ST12T3 NCV1117ST15T3G |
1.0 A, 12V, Low Dropout Voltage Regulator; Package: SOT-223 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
ON Semiconductor
|