PART |
Description |
Maker |
HSMP-489B |
Surface Mount PIN Diodes in SOT-323(表贴PIN 二极管(SOT-323 封装 PIN二极管表面贴装采SOT - 323(表贴型的PIN二极管(采用SOT - 323封装))
|
Bourns, Inc.
|
M1MA142KT1G M1MA141KT1 M1MA142KT1 M1MA141K M1MA142 |
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT Single Switching Diode
|
ONSEMI[ON Semiconductor]
|
BR2321W |
P-Channel MOSFET in a SOT-323 Plastic Package
|
Foshan Blue Rocket Elec...
|
PIC16F636E/MF PIC16F636E/MFQTP PIC16F636E/P PIC16F |
Triple 4-3-3-Input NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 DIODE ZENER SINGLE 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-323 3K/REEL DIODE ZENER SINGLE 150mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-523 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 350mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-23 3K/REEL DIODE ZENER SINGLE 150mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-523 3K/REEL DIODE ZENER SINGLE 350mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-23 3K/REEL RECTIFIER STANDARD SINGLE 1.5A 600V 600 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-SOIC 0 to 70 RECTIFIER STANDARD SINGLE 1.5A 800V 800 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 DIODE ZENER DUAL ISOLATED 200mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-363 3K/REEL DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-323 3K/REEL DIODE ZENER SINGLE 350mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-23 3K/REEL 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER TRIPLE ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER DUAL ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER SINGLE 200mW 6.2Vz 20mA-Izt 0.05 5uA-Ir 4 SOT-323 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存8位CMOS微控制器采用纳瓦技 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-PDIP 0 to 70 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|
BAT54CW |
30V 0.2A Schottky Common Cathode Diode in a SOT-323 package SCHOTTKY DIODE 0.2 Amp
|
International Rectifier
|
NTS4409NT1G |
Small Signal MOSFET 25 V, 0.75 A, Single, N−Channel, ESD Protection, SC−70/SOT−323
|
ON Semiconductor
|
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
AT49BV002AT AT49BV002A AT49BV002AN AT49BV002ANT AT |
LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
ZUMTS17N ZUMTS17NTA |
NPN RF TRANSISTOR IN SOT-323
|
Diodes Incorporated
|
K4H560438D-NC/LA0 K4H560838D-NC/LA0 K4H560438D-NC/ |
256Mb sTSOPII 256Mb的sTSOPII DIODE ZENER SINGLE 300mW 10Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-23 3K/REEL DIODE ZENER SINGLE 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOD-323 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 9.95Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-363 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|