PART |
Description |
Maker |
SG237AK SG237AR SG237AT SG237K SG237R SG237T SG137 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR Negative Adjustable Linear Voltage Regulators; Package: TO-99; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3 Negative Adjustable Linear Voltage Regulators; Package: LCC; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, CQCC20
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation Microsemi, Corp.
|
OM1322STM OM1322N2M OM1322NKM OM1322NMM OM1322NTM |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1.5放大器的负电压调节器调节批准降序703403
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers TE Connectivity, Ltd.
|
LM137 LM337 LM337T LT337AM LT337AMPBF LT337ATPBF L |
Negative Adjustable Regulator Negative Adjustable Regulator 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, PSIP3 Negative Adjustable Regulator 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, PSFM3
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
NTE1911 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBFM2 3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
|
NTE[NTE Electronics]
|
LM337HV LM137A LM137AHV LM337 LM137SG LM137ASG LM1 |
1.5A Adjustable Negative Voltage Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1.25 V-50 V ADJUSTABLE NEGATIVE REGULATOR, CBCC3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] TT electronics Semelab, Ltd.
|
SG337A SG337 SG237A SG237 SG137 SG137A JAN137K |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR 1.5放大器的负调节调压器
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1033CT LT103302 LT1033 LT1033CP |
VOLT REGULATOR|ADJUSTABLE|-1.2 TO -32V|BIPOLAR|SIP|3PIN|PLASTIC 3A Negative Adjustable Regulator
|
Linear Technology
|
IP137MAHVE IP137MAE |
0.5 AMP NEGATIVE ADJUSTABLE
|
Seme LAB
|
KA33710 |
3-Terminal 1.5A Negative Adjustable Regulator
|
Fairchild Semiconductor
|
RH1185AMK |
Negative Regulator with Adjustable Current Limit
|
Linear Technology
|