PART |
Description |
Maker |
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT7204L20DG IDT7205L20DG IDT7204L35JG IDT7203L35D |
CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2K X 9 OTHER FIFO, 35 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 4K X 9 OTHER FIFO, 35 ns, PDSO28 CMOS ASYNCHRONOUS FIFO 2K X 9 OTHER FIFO, 50 ns, PQCC32 32K X 9 OTHER FIFO, 25 ns, PQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
Q67100-H3505 Q67100-H3500 Q67100-H3501 Q67100-H350 |
16 Kbit 2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus DIMMER IC FOR HALOGEN LAMPS 16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus 16千位2048 × 8位串行CMOS EEPROM的,I2C同步2线总线
|
SIEMENS AG Siemens Semiconductor Group
|
LC3516A |
2048 x 8 CMOS RAM
|
Sanyo Semiconductor Corporation
|
AM27S291 AM27S29125BLA AM27S29125DC AM27S29125DCB |
16384-BIT (2048 x 8) BIPOLAR PROM 16/384-BIT (2048 x 8) BIPOLAR PROM CMOS Dual 4-Input AND Gate 14-SO -55 to 125 CMOS Quad 2-Input AND Gate 14-CDIP -55 to 125 SWITCH, SPDT, LATCHING; Switch function type:SPDT Latching; Voltage, contact AC max:250V; Voltage, contact DC max:30V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:6.4mm; Length / Height, RoHS Compliant: Yes Dual Retriggerable Monostable Multivibrators 16-PDIP 0 to 70 BCD-to-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 Octal Buffers With 3-State Outputs 20-SOIC 0 to 70 CMOS Quad 2-Input AND Gate 14-SO -55 to 125 CMOS Quad 2-Input AND Gate 14-PDIP -55 to 125 CMOS Quad 2-Input AND Gate 14-SOIC -55 to 125 CMOS Quad 2-Input AND Gate 14-TSSOP -55 to 125 4-Line BCD To 10-Line Decimal Decoders 16-SOIC 0 to 70 Guide Housing for PP75 (Black) Octal Buffers and Line Drivers with 3-State Outputs 20-SO 0 to 70 SWITCH, SPDT, MOM; Switch function type:SPDT Mom; Voltage, contact AC max:250V; Voltage, contact DC max:30V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:6.4mm; Length / Height, external:39.5mm; RoHS Compliant: Yes 8-Bit Binary Counters With Output Registers And 3-State Outputs 16-PDIP 0 to 70 BCD-to-Seven-Segment Decoders/Drivers 16-PDIP 0 to 70 8-Bit Binary Counters With Input Registers 16-SOIC 0 to 70 Dual Retriggerable Monostable Multivibrators 16-SOIC 0 to 70 Quad tridirectional bus transceivers 20-PDIP 0 to 70 Quadruple 2-Input Multiplexers With Storage 16-SO 0 to 70 4-Line BCD To 10-Line Decimal Decoders 16-PDIP 0 to 70 CMOS Dual 4-Input AND Gate 14-TSSOP -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 4-Input AND Gate 14-CDIP -55 to 125 16,384位(2048 × 8)双极胎膜早 16,384-BIT (2048 x 8) BIPOLAR PROM 16,384位(2048 × 8)双极胎膜早 Octal Buffers With 3-State Outputs 20-PDIP 0 to 70 16,384位(2048 × 8)双极胎膜早 CMOS Dual 4-Input AND Gate 14-SOIC -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-SOIC -55 to 125 16,384位(2048 × 8)双极胎膜早 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-PDIP -55 to 125 16,384位(2048 × 8)双极胎膜早 IC SWITCH OFF-LINE MDCM/CCM 8SMD CMOS Dual 4-Input AND Gate 14-PDIP -55 to 125 16,384-BIT (2048 x 8) BIPOLAR PROM
|
AMD[Advanced Micro Devices] http:// Advanced Micro Devices, Inc.
|
PCF85116-3 |
2048 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
Philips
|
IDT72104L50J IDT72103L35J IDT72103L50J IDT72104L35 |
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
|
IDT[Integrated Device Technology]
|
IDT72221L15J IDT72221L15JI IDT72221L15PF IDT72221L |
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
IDT[Integrated Device Technology]
|
NM93C56 NM93C56EM8 |
2048-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) 2048-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
|
Fairchild Semiconductor
|
N01L63W3AB25I N01L63W3AB25IT N01L63W3A |
1 Mb Ultra-Low Power Asynchronous CMOS SRAM 1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K ? 16 bit
|
ON Semiconductor
|
MSM81C55-5GS MSM81C55-5JS MSM81C55-5RS 81C55 MSM81 |
2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER From old datasheet system
|
OKI electronic componet... OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|
|