PART |
Description |
Maker |
BAS16W-T1 BAS16W-T3 BAS16W |
90 DEGREE VGA CBL 20 FT - MM 90 DEGREE VGA CBL 10 FT - MM 表面贴装快速开关二极管 SURFACE MOUNT FAST SWITCHING DIODE 表面贴装快速开关二极管
|
http:// Won-Top Electronics Co., Ltd.
|
S5K433CA S5K433CA01 S5K433CA02 S5K433CA03 S5K433LA |
From old datasheet system 1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
|
Samsung semiconductor
|
SX5437M21X-X0B0 SX5437M21X |
1/4 Optical Size 640x480(VGA) CIS Camera Module 1 / 4光学尺寸640 × 480(VGA)的独联体摄像头模组
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
A61L6316S-15I A61L6316S-15 A61L6316S-12I A61L6316S |
VGA VIDEO CABLE W/ FERRITE CORE,10 FT, MM VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, MM Connector assemblies, Audio/RF/Video cables; VGA VIDEO CABLE W/ FERRITE CORE, 3 FT, MF VGA VIDEO CABLE W/ FERRITE CORE,10 FT, MF VGA VIDEO CABLE W/ FERRITE CORE, 5 FT, FF 64K X 16 BIT HIGH SPEED CMOS SRAM 64K的16位高速CMOS SRAM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
LT1576IS8-5SYNC LT1576IS8-SYNC LT1576CS8-SYNC LT15 |
1.5A/ 200kHz Step-Down Switching Regulator MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 MM,62.5M,BREAKOUT STYLE BULK FO CBL - 12FIBER 100 CAP 100UF 25V ELECT TG SMD MM,62.5M,DIST STYLE,BULK FO CABLE - 12FIB 1000FT MM,62.5M,DIST STYLE,BULK FO CABLE - 4FIB 500FT CAP 220UF 16V ELECT TG SMD CAP 330UF 16V ELECT TG SMD CAP 220UF 25V ELECT TG SMD MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 3.5 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
HYB-5314-03-TNC-79 HYB-5315-03-TNC-79 HYB-5313-03- |
4000 MHz - 8000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX 7000 MHz - 12400 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.5 dB INSERTION LOSS-MAX 2600 MHz - 5200 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.3 dB INSERTION LOSS-MAX 12400 MHz - 18000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.6 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER, 0.2 dB INSERTION LOSS-MAX
|
SIEMENS AG ITT Interconnect Solutions Infineon Technologies AG
|
MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2 |
Communications Clock PLLs CAPACITOR, 1000UF 450V CAPACITOR, 1000UF 450V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:450V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:B43456; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-25(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
http:// ICST[Integrated Circuit Systems]
|
C031-70253 |
MINI BNC CRIMP PLUG (FOR CBL-3340 CABLE)
|
Amphenol Corporation
|
1T397 |
SWITCH, VANDAL RESISTANT SEALED; Switch function type:SPDT Mom; Voltage, contact AC max:50V; Voltage, contact DC max:50V; Temp, op. max:70(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:19.2mm; Length / Height, RoHS Compliant: Yes
|
Sony Corporation
|
V48B5E48BS2 V24B12E24B V24B12E24B1 V24B12E24B2 V24 |
IC ENCORE XP MCU FLASH 8K 20SOIC IC ENCORE XP MCU FLASH 8K 28SOIC T-SENSOR IC, DOUT TO92T-SENSOR IC, DOUT TO92; Temp, op. min:-50(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:TO-92; Base number:206; Voltage, supply max:6V FasTrak Mini E-Grade Family FasTrak车辆迷你E级系
|
VICOR[Vicor Corporation] Vicor, Corp.
|
FW12EW126 |
M23 Male 90 Degree to M23 Female 90 Degree
|
Alpha Wire
|