PART |
Description |
Maker |
117-97-620-41-005 117-97-624-41-005 217-99-764-41- |
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾 Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes 2#12 FEP SH FEP RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No ShrinkdipsocketsOpenandclosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
115-91-306 115-91-308 115-91-310 115-91-314 115-91 |
3#24 FEP SH FEP RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.2pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 3 #22 FEP FS SIL RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Features:Conducting Nylon; Leaded Process Compatible:Yes; Temperature Max:150 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:22pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
BYW99W200 BYW99P200 BYW99P-200 BYW99 BYW99P BYW99P |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:42pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管 Sound/Security Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:70pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
HA-4741/883 HA4-4741/883 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Bodies:NEC; Conductor Material:Copper RoHS Compliant: Yes 四路运算放大 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes Op Amp, Quad 3.5MHz, 883 Compliant
|
Intersil, Corp. Intersil Corporation
|
1210D 1202D 1206FD 1206D 1210UFD |
200 V - 1,000 V Single Phase Bridge 200 1,000 V单相 Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Sleeving; Material:Tinned Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
1.5CE27A 1.5CE47CA 1.5CE11A 1.5CE82CA 1.5CE11CA 1. |
Leaded Zener Diode Transient Supressor Shielded Multiconductor Cable; Number of Conductors:24; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:12 RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:32; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:16 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Rubber; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 1.5W TRANSIENT SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1.5W TRANSIENT SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
124-93-964-41-002 121-93-210-41-001 121-93-304-41- |
Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Features:Unshielded; Outer Diameter:0.389"; Temperature Max:80 C RoHS Compliant: Yes Shielded Paired Cable; Jacket Material:Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Features:Aluminium Foil/Polyester Tape; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Shielded Paired Cable; Number of Conductors:2; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Hook-Up Wire Dispenser Kit For Use With:Electrical and electronic equipment RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes Multiconductor Audio, Communication & Instrumentation Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:6; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Unshielded; Temperature Max:80 C; Voltage Nom.:30V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyethylene; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Features:Aluminium Foil/Polyester Tape; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:3; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes CABLE, 8775, 11PAIR, PER M; Cores, No. of:22; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:11.8mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6016C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Foil; Number of Pairs:3; Leaded Process Compatible:Yes RoHS Compliant: Yes CABLE, 8777, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:7.65mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6010C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Foil; Number of Pairs:3; Capacitance:30pF; Conductor Material:Copper; Impedance:50ohm RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:9; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Number of Pairs:9; Leaded Process Compatible:No; Approval Bodies:UL; Capacitance:30pF/ft RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:19; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Conductor Material:Copper; Conductor Plating:Tin; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Features:Aluminium Foil/Polyester Tape; Impedance:69ohm; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:3; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:19; Features:Unshielded; Impedance:50ohm; Temperature Max:80 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:19 RoHS Compliant: Yes CABLE, 8762, 1PAIR, PER M; Cores, No. of:2; Conductor make-up:7/28AWG; Area, conductor CSA:0.519mm2; Diameter, External:5.18mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:2411C RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:12; No. Strands x Strand Size:19 x 25; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:55ohm RoHS Compliant: Yes Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Coaxial Cable; Impedance:32ohm; Conductor Size AWG:28; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Features:Unshielded; Temperature Max:80 C; Voltage Nom.:30V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:56ohm RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Conductor Material:Copper; Features:Unshielded; Leaded Process Compatible:No RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyethylene; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:64ohm RoHS Compliant: Yes Belden Sound and Control Cable, Wire Size: 18 AWG, Number of Pairs: 1, Length: 1000 feet, Conductor Material: Tinned Copper, Jacket: Chrome PVC, Features: 8760 features overall beldfoil shield with 20 AWG drain wire Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:60ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:35pF/ft RoHS Compliant: Yes CABLE, 8723, 2PAIR, 30.5M; Cores, No. of:4; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:4.27mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Grey; RoHS Compliant: Yes Shielded Paired Cable; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Foil; Number of Pairs:2; Capacitance:35pF; Conductor Material:Copper; Impedance:45ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:35pF/ft; Conductor Material:Copper RoHS Compliant: Yes CABLE, 8723, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:4.06mm; Material, secondary insulation:PVC; Colour, secondary insulation:Grey; Alpha type number:2466C RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Features:Unshielded; Leaded Process Compatible:Yes RoHS Compliant: Yes Audio control and Instrumentation Cable Shielded; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:19 x 27; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:65ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:9; Conductor Material:Copper RoHS Compliant: Yes CABLE, 8774, 9PAIR, PER M; Cores, No. of:18; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:10.6mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6014C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Audio control and Instrumentation Cable Shielded; Number of Conductors:54; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:27 RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Temperature Max:60 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
PSD913F1-B-90J PSD913F1-B-90M PSD913G1-B-90J PSD91 |
Flash In-System Programmable ISP Peripherals For 8-bit MCUs Shielded Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 Flash In-System Programmable ISP Peripherals For 8-bit MCUs Flash在系统可编程ISP的外设的8位微控制 CAP 22UF 15V 10% TANT SOLID MOLDED SMD-7343-31 T&R B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 CAP 1UF 35V 10% TANT SOLID MOLDED SMD-3528-21 BULK C-MIL-PRF-55365 CAP 22UF 15V 10% TANT SOLID SMD-7343-31 BULK B-MIL-PRF-55365/08 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP 0.1UF 50V 10% TANT SOLID MOLDED AXIAL A-CASE BULK MIL-PRF-49137/5 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes CAP 4.7UF 20V 10% TANT SOLID MOLDED AXIAL B-CASE BULK MIL-PRF-49137/5 CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:22; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
BYT13-600 BYT13-1000 3369 BYT13-800 |
Fast Recovery Rectifier Diodes(快速恢复整流二极管) Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BYT77 BYT78 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes FAST SILICON MESA RECTIFIERS From old datasheet system
|
Vishay Telefunken Vishay Intertechnology,Inc. Vishay Siliconix
|
ST72611F1B1 |
Multiconductor Cable
|
|
|