PART |
Description |
Maker |
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
C7247-01 C7247 |
DA-TYPE SOCKET ASSEMBLIES Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
AQB1A2-ZT3/6VDC AQB1A1-ZT3/6VDC AQB1A2-ZT10/18VDC |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 43 X 9 MM, 24 MM HEIGHT, ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Panasonic, Corp.
|
H11L1-M H11L2-M H11L2M5V |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
|
Fairchild Semiconductor
|
KA5H0380 KA5X03XX03 KA5X03XX KA5H0365R KA5H0365RTU |
Fairchild Power Switch(FPS) 3A/650V 100KHz Power Switch 3A/800V 100KHz Power Switch 3A/800V 50KHz Power Switch 3A/800V 70KHz Power Switch 3A/650V 70KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BCDMOS,SIP,4PIN,PLASTIC
|
FAIRCHILD[Fairchild Semiconductor] http://
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
H21L1 H22L2 H21L2 H22L1 |
ISO - LOGIC INVERTER SCHMITT TRIGGER INTERRUPTER SWITCH
|
ETC[ETC]
|
IL4117-X017 |
Optocoupler - Trigger Device Output, 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER, ROHS COMPLIANT, SMD, 6 PIN
|
Vishay Semiconductors
|
D2N230CG D2N130CD D2N130CF D2N130CG D2N230CD D2N23 |
Dual Low Power Current Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Single Pole, Single Throw Normally Open
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
ISTS972N ISTS972T ISTS973N ISTS973T |
6V, 50mA ISO-logic inverter schmitt trigger interrupter switch
|
ISOCOM
|
M27V402 M27V402-120B1TR M27V402-120B4TR M27V402-12 |
4 Mbit 256Kb x 16 Low Voltage UV EPROM and OTP EPROM 4兆位56Kb × 16低压紫外线存储器和OTP存储 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70 Hex Inverters 14-SO 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-SOIC 0 to 70 Hex Inverters 14-SOIC 0 to 70 Switch Mode Power Supply; Series:ZWS; Output Voltage:15VDC; Output Power Max:10W; Output Current:0.7A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Switch Mode Power Supply; Output Power:100W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:8.5A; Power Supply Mounting:Open Frame; Approval Bodies:UL, CSA, CE; External Depth:222mm; External Width:62mm RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:10W; Output Current:0.85A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Hex Inverters 14-PDIP 0 to 70 From old datasheet system 4 Mbit 512Kb x 8 Low Voltage OTP EPROM 4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BRT13H |
1 CHANNEL TRIGGER OUTPUT OPTOCOUPLER
|
INFINEON TECHNOLOGIES AG
|