PART |
Description |
Maker |
PDTA143TEF PDTA143TE PDTA143T PDTA143TK PDTA143TM |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = open
|
NXP Semiconductors
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTA143EEF PDTA143EU PDTA143E PDTA143EE PDTA143EK |
PDTA143E series; PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD3 PEMD3_2 |
NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 10 KOHM, R2 = 10 KOHM From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 10 kohm R2 = 10 kohm NPN/PNP resistor-equipped transistors; R1 = 10 kohm/ R2 = 10 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PUMB19 PEMB19 |
PEMB19; PUMB19; PNP/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA124EEF |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|