PART |
Description |
Maker |
PUMB1 PEMB1 |
PNP-PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm PNP-PNP配电阻型晶体管,R1=22千欧姆,R2=22千欧 PNP/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP/PNP resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼?
|
NXP Semiconductors N.V.
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTA113E PDTA113EE PDTA113EK PDTA113EM PDTA113ES P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PDTA114TU PDTA114TS PDTA114TE PDTA114TT PDTA114TU1 |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open PNP配电阻型晶体管;R1=10千欧姆,R2=开
|
NXP Semiconductors N.V.
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
PEMB1 PEMB1_1 |
From old datasheet system PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm PNP resistor-equipped transistors; R1 = 22 kohm/ R2 = 22 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB14 PUMB14 |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
|
NXP Semiconductors
|
PEMB3 PEMB3-PUMB3-15 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
|
NXP Semiconductors
|
PDTA143XE PDTA143XK |
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
|
NXP Semiconductors
|
PDTA124EK |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|