PART |
Description |
Maker |
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTA113Z PDTA113ZT215 PDTA113ZK PDTA113ZS PDTA113Z |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW PNP resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD6 PEMD6_2 |
From old datasheet system NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 4.7 KOHM, R2 = OPEN NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm/ R2 = open
|
NXP Semiconductors Philips Semiconductors
|
PEMB14 PUMB14 |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
|
NXP Semiconductors
|
PEMB3 PEMB3-PUMB3-15 |
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
|
NXP Semiconductors
|
PDTA144 PDTA144EE |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|