PART |
Description |
Maker |
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA123EE PDTA123EEF PDTA123EK PDTA123EU PDTA123ET |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PDTA123E series; PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMB4 PEMB4_1 |
PNP resistor-equipped double transistor R1 = 10 kohm/ R2 = open From old datasheet system PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PUMB19 PEMB19 |
PEMB19; PUMB19; PNP/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
PDTC114E PDTC114EE PDTC114EEF PDTC114EK PDTC114EM |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm NPN配电阻型晶体R1=10千欧姆,R2=10千欧 NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ NPN resistor-equipped transistor; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors N.V.
|
PDTA143ZMB |
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|
PDTA144 PDTA144EE |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PDTA144EK PDTA144 |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|