PART |
Description |
Maker |
M54HC4049 M54HC4049B1R M54HC4049C1R M54HC4049F1R M |
HC4050 HEX BUFFER/CONVERTER, HC4049 HEX BUFFER/CONVERTER (INVERTER) HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER HC4049 HEX BUFFER/CONVERTER (INVERTER)HC4050 HEX BUFFER/CONVERTER
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
HD14049UB |
Hex Inverter/Buffer
|
Hitachi Semiconductor
|
74F368SJ 74F366 74F366PC 74F366SC 74F368PC 74F368S |
Hex Inverter Buffer with 3-STATE Outputs Hex Inverter/Buffer with 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HD74ACT366 HD74AC366 |
HEX INVERTER BUFFER WITH 3-STATE OUTPUT
|
HITACHI[Hitachi Semiconductor]
|
SCL4502B |
CMOS Strobed Hex Inverter / Buffer
|
R&E International
|
MC14001BCP MC14001BDTR2 MC14050BCP MC14050BD MC140 |
Quad 2-Input NOR Gate Hex Non-Inverter Buffer
|
ON Semiconductor
|
74LCX0601 |
Low Voltage Hex Inverter/Buffer with Open Drain Outputs
|
Fairchild Semiconductor
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
MC14503B MC14503BCP MC14503BD MC14503BDR2 MC14503B |
Full Featured -48V Hot Swap Power Manager, Industrial Temp. 14-TSSOP -40 to 85 Hex Non-Inverting 3-State Buffer Hex 3-State Buffer
|
ONSEMI[ON Semiconductor]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|