PART |
Description |
Maker |
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
IDT70V24L IDT70V24L15PFG IDT70V25TS15JGI IDT70V25T |
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM True Dual-Ported memory cells which allow simultaneous reads of the same memory location 8K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V STATIC RAM
|
Integrated Device Technology List of Unclassifed Manufacturers INTEGRATED DEVICE TECHNOLOGY INC List of Unclassifed Man... Integrated Device Techn...
|
IDT71V321L25JI IDT71V321S25PF IDT71V321L25PF IDT71 |
HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT 2K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT 的高速中3.3VK × 8双端口静态RAM 2K x 8 3.3V Dual-Port RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT7130SA25TFGB IDT7130SA25PFGB IDT7130SA25FGB IDT |
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 高速每1000 × 8双端口静态随机存取存储器
|
Integrated Device Technology, Inc.
|
ICL3232EIV-16Z-T ICL3221EIV ICL3221EIV-T ICL3222EI |
CAT5E PATCH CORD 10 FOOT YELLOW CONNECTOR, DUAL ROW, QF 50,10 PIN 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 .100-In. KK Solid Header, Vertical, Friction Lock, 16 Circuits, Tin DUAL LINE TRANSCEIVER, PDSO20 CAT5E PATCH CORD 100MHZ 7 FOOT YELLOW DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RSM, 604 1% 1206 TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
IDTQS74FCT253AT IDTQS74FCT253ATS1 IDTQS74FCT253ATQ |
HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER 高速CMOS4输入多路复用 HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER FCT SERIES, DUAL 4 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16
|
Integrated Device Technology, Inc.
|
TC4426A TC4426ACOA TC4426ACPA TC4426AEPA TC4427A T |
(TC4426A - TC4428A) 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-19 RoHS Compliant: No 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1.5A的双高速功率MOSFET驱动
|
TELCOM[TelCom Semiconductor, Inc] TELCOM[TelCom Semiconductor Inc] TelCom Semiconductor, Inc.
|
EL7252CN EL7252CS EL7252CS-T13 EL7252CS-T7 EL7252C |
Dual Input, High Speed, Dual Channel Power MOSFET Driver
|
Intersil Corporation
|