PART |
Description |
Maker |
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|
AD688AQ AD688 |
High Precision 0 V Reference ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% High Precision - 10 V Reference
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1236 LT1236-10 LT1236-5 LT1236AC LT1236ACN8-10 L |
Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX675 MAX675CPA MAX675CSA MAX675CTV MAX675EJA MAX |
30V N-Channel PowerTrench MOSFET 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference Precision, 5V Voltage Reference, Replaced MAX673
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
CAT102 CAT102EUK-TE7 |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 0.6 V, PDSO5 Precision/ Adjustable Shunt Regulator (600mV Reference) Precision, Adjustable Shunt Regulator (600mV Reference) Low Voltage Precision, Adjustable Shunt Voltage Reference. 600 mV reference. ?% Tolerance.
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
5962-8982501PA 5962-8982502PA |
High Precision 10 V Reference; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Military 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8
|
Analog Devices, Inc.
|
ADR390 ADR392 ADR391 ADR395 |
2.048 V Precision Voltage Reference 4.096 V Precision Voltage Reference 2.5 V Bandgap Voltage Reference 5 V Precision Voltage Reference
|
Analog Devices
|
X60003D-50 X60003DIG3-50T1 X60003CIG3-50T1 X60003B |
Precision 5.0V SOT-23 FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision 5.0V SOT-23 FGA??Voltage Reference
|
Intersil Corporation Intersil, Corp.
|
5962-8973501V2A 5962R89735012A |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference High-Supply-Voltage, Precision Voltage Reference in SOT23 八路D类触发器
|
Vishay Intertechnology, Inc.
|
AD586MNZ1 AD586LR-REEL AD586LR-REEL7 AD586ARZ-REEL |
High Precision 5 V Reference
|
Analog Devices
|
5962-9321401MEA |
High Precision ±10 V Reference
|
Analog Devices
|