PART |
Description |
Maker |
MC68030 |
Second-Generation 32 Bit Enhanced Microprocessor
|
Motorola
|
MC68EC030 MC68EC030FE40C |
Second-Generation 32-Bit Enhanced Embedded Controller
|
Freescale Semiconductor... Motorola, Inc. Freescale Semiconductor, Inc
|
M5-128/120-5YI M5-128/120-5YC M5-128/160-5YI M5-19 |
Fifth Generation MACH Architecture 第五代马赫架 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 12 ns, PBGA256 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PBGA352
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. Air Cost Control
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
E0C6274 |
CMOS 4-Bit Single Chip Microcomputer Composed of Core CPU E0C6200A,Dual Slope Type A/D Converter,Reference Voltage Generation Circuit,General Purpose
|
爱普生(中国)有限公
|
APT100GF60JRD |
The Fast IGBTis a new generation of high voltage power IGBTs. ⑩的快速IGBT是一种高压IGBT的新一代 The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Fast IGBT & FRED 600V 140A
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|
APT8GT60KR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 17A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|
APT30GT60CR |
The Thunderbolt IGBTis a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 30A
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
TC514400AAZL-60 TC514400AJL-60 TC514400APL TC51440 |
60 ns, 4-bit generation dynamic RAM 1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
DLO-50-95 DLO-50 DLO-50-100 DLO-50-50 DLO-50-55 DL |
Voltage-controlled ECL delay line oscillator GATED-DELAY LINE OSCILLATOR SQUARE, 65 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 95 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 85 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 90 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 60 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 80 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 100 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 70 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 50 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 55 MHz, WAVEFORM GENERATION, PDIP6
|
Data Delay Devices, Inc... DATADELAY[Data Delay Devices, Inc.]
|
APT15GT60BRD |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT & FRED 600V 30A
|
ADPOW[Advanced Power Technology]
|
STD7NM50N-1 STP7NM50N STF7NM50N STD7NM50N |
N-channel 500V - 0.70Ω - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh Power MOSFET N-channel 500V - 0.70楼? - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh垄芒 Power MOSFET N-channel 500V - 0.70ヘ - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|