PART |
Description |
Maker |
AN980 ST72251G2 ST72251G2M6 |
ST7 - KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE STORAGE, SHELVES CABINET RoHS Compliant: Yes 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI, I2C AND 2 TIMERS 8位微控制器有4K的光双层/存储器,256字节RAM,ADC的,水分散粒剂,SPI,I2C定时
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V.
|
AN978 |
ST7 - KEY FEATURES OF THE STVD7 ST7 VISUAL DEBUG PACKAGE
|
SGS Thomson Microelectronics
|
AN1044 |
ST7 - MULTIPLE INTERRUPT SOURCES MANAGEMENT FOR ST7 MCUS
|
SGS Thomson Microelectronics
|
AN983 |
ST7 - KEY FEATURES OF THE COSMIC ST7 C-COMPILER PACKAGE
|
SGS Thomson Microelectronics
|
AN1478 |
ST7 - PORTING AN ST7 PANTA PROJECT TO CODEWARRIOR IDE
|
SGS Thomson Microelectronics
|
AN1017 |
ST7 - USING THE ST7 UNIVERSAL SERIAL BUS MICROCONTROLLER
|
SGS Thomson Microelectronics
|
AN971 |
ST7 - I2C COMMUNICATION BETWEEN ST7 AND M24CXX EEPROM
|
SGS Thomson Microelectronics
|
AN1179 |
ST7 - PROGRAMMING ST7 FLASH MICROCONTROLLERS IN REMOTE ISP MODE (IN-SITU PROGRAMMING)
|
SGS Thomson Microelectronics
|
EVQP0 EVQP0Q02Q EVQP0N02B EVQP0P02B EVQP0S02Q EVQQ |
6 mm Square Thin Type SMD Light Touch Switches KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 0.6 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 1 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 0.5 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 1.3 N, SURFACE MOUNT-STRAIGHT KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 3.5 N, SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor http:// PANASONIC CORP
|
AN1443 |
ST120 JPEG ENCODING AND DECODING
|
SGS Thomson Microelectronics
|
PVA1-EE-H2-SNA-3.5N PVA1-EE-H3-SNA-3.5N PVA1-EE-H5 |
KEYPAD SWITCH, DPDT, MOMENTARY, 0.1A, 32VDC, 3.75 N, THROUGH HOLE-STRAIGHT ROHS COMPLIANT KEYPAD SWITCH, DPDT, MOMENTARY, 0.1A, 32VDC, 1.95 N, THROUGH HOLE-STRAIGHT ROHS COMPLIANT KEYPAD SWITCH, DPST, MOMENTARY, 0.1A, 32VDC, 3.75 N, THROUGH HOLE-STRAIGHT ROHS COMPLIANT KEYPAD SWITCH, DPST, MOMENTARY, 0.1A, 32VDC, 1.45 N, THROUGH HOLE-STRAIGHT ROHS COMPLIANT KEYPAD SWITCH, DPDT, MOMENTARY, 0.1A, 32VDC, 3.75 N, SOCKET MOUNT ROHS COMPLIANT KEYPAD SWITCH, DPDT, MOMENTARY, 0.1A, 32VDC, 1.95 N, SOCKET MOUNT ROHS COMPLIANT KEYPAD SWITCH, DPST, MOMENTARY, 0.1A, 32VDC, 3.75 N, SOCKET MOUNT ROHS COMPLIANT KEYPAD SWITCH, DPST, MOMENTARY, 0.1A, 32VDC, 1.45 N, SOCKET MOUNT ROHS COMPLIANT Short Stroke Key Switches
|
C.K Components ITT Interconnect Solutions ITT Industries
|
1241.1104.7093 1241.1102.6091 1241.1104.7091 |
Touch Key, Switch, Contact Resistance 100To 115 Milliohms, Number of Mechanical Ops. 1000000 Ops KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.125A, 48VDC, 4 N, PANEL MOUNT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.08A, 24VDC, 4 N, PANEL MOUNT
|
SCHURTER AG SCHURTER INC
|
|