PART |
Description |
Maker |
ESD5Z2.5 ESD5Z3.3 ESD5Z5.0 ESD5Z7.0 ESD5Z6.0 |
Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
|
Weitron Technology
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SMDJ100A SMDJ110A SMDJ130A SMDJ120A SMDJ150 SMDJ17 |
100.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 110.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 130.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 120.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 150.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 170.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications 160.00V; 1mA ;3000W peak pulse power; surface mount transient transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|
SMBJ3V3-E3_52 SMBJ3V-E3/5B SMBJ3V3-E3/52 |
Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORBTransient Voltage Suppressors
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMDA15C-8 SMDA12C-8 SMDA05C-8 SMDA24C-8 |
Surface Mount Diode Array Transient Voltage Supperssor(琛ㄨ创???????靛?????靛?????? SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor]
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
5.0SMDJ70 5.0SMDJ40 5.0SMDJ400A 5.0SMDJ40A 5.0SMDJ |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
SMAFJ300A SMAFJ300CA SMAFJ5.0 SMAFJ5.0A SMAFJ5.0C |
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
|
SUNMATE electronic Co.,...
|
P6SMB350A P6SMB440A P6SMB520A P6SMB500A P6SMB500CA |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|