PART |
Description |
Maker |
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
D2MC D2MC-5HL D2MC-01E D2MC-01EL D2MC-01F D2MC-01F |
Low-torque Basic Switch Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No MICA RoHS Compliant: No Silver Mica Capacitor; Capacitance:150pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:390pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
http:// OMRON[Omron Electronics LLC] ETC
|
MT8LD864AG-5X MT16LD1664AG-5X MT32LD3264AG-5X MT16 |
DRAM MODULE Silver Mica Capacitor; Capacitance:8200pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:1000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No
|
Micron Technology, Inc.
|
MT2LDT432HG-6X MT2LDT432HG-5X MT4LDT832HG-5XS MT2L |
SMALL-OUTLINE DRAM MODULE 小外形DRAM模块 Silver Mica Capacitor; Capacitance:1200pF; Capacitance Tolerance: 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No 小外形DRAM模块
|
Micron Technology, Inc.
|
DDTBLO-R1U DDTB122TU-7 DDTB142JU-7 DDTB122LU-7 DDT |
From old datasheet system PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:27000uF RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes Inc.
|
AD1812JST AD1812JS |
SoundPort Controller ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
http:// Analog Devices, Inc.
|
93AA46BT-I_MSG 93LC46BT-E/MS 93LC46BT-E/MSG 93LC46 |
1K Microwire Compatible Serial EEPROM 一千微丝兼容串EEPROM IGBT Module; Transistor Polarity:N Channel; Collector Emitter Voltage, Vceo:600V; Collector Emitter Saturation Voltage, Vce(sat):1.7V; Power Dissipation, Pd:255W; Package/Case:Module; C-E Breakdown Voltage:600V 一千微丝兼容串行EEPROM Film Capacitor; Voltage Rating:250VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 5%; Lead Pitch:10mm; Package/Case:C; Series:160; Termination:Radial Leaded RoHS Compliant: Yes 一千微丝兼容串行EEPROM 1K Microwire Compatible Serial EEPROM 一千微丝兼容串行EEPROM RES,MF,1K,OHMS,1/4W,1% 一千微丝兼容串行EEPROM Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.56uF; Capacitance Tolerance: /- 10%; Lead Pitch:22.5mm; Leaded Process Compatible:No; Package/Case:O; Peak Reflow Compatible (260 C):No RoHS Compliant: No Silver Mica Capacitor; Capacitance:4pF; Capacitance Tolerance: /- 0.5pF; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:4pF; Capacitance Tolerance: /- 0.5pF; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes RES 100K MF 1/4W F 0500LS 250V T&R 93AA46A/B/C/ 93LC46A/B/C/ 93C46A/B/C Datasheet IGBT Module; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):1.7V; Power Dissipation, Pd:125W; C-E Breakdown Voltage:600V; Collector Current:50A; Collector Emitter Voltage, Vceo:600V RoHS Compliant: Yes Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.56uF; Capacitance Tolerance: 10%; Lead Pitch:22.5mm; Leaded Process Compatible:Yes; Package/Case:O; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:2pF; Capacitance Tolerance: /- 0.5pF; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:5pF; Capacitance Tolerance: /- 0.5pF; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:680pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:No RoHS Compliant: No Special Function IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SFH320 SFH320-3 SFH320-4 SFH320F SFH320F-3 SFH320F |
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package Silizium - Fototransistor即时贴片TOPLEDa - Geh锓硅npn型光电晶体管的表面贴装TOPLEDa,包 Silver Mica Capacitor; Capacitance:35pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BL-XA1361-F8 BL-XF0361-F8 BL-XJB361-F8 BL-XJD361-F |
Silver Mica Capacitor; Capacitance:36pF; Capacitance Tolerance: /- 2%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:2uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.6mm; Leaded Process Compatible:No RoHS Compliant: No DSUB CONN 9POS (DB9) 轴向LED节能灯与轭铅 AXIAL LED LAMPS WITH YOKE LEAD 轴向LED节能灯与轭铅
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
CAT34AC02JA CAT34AC02ZI-TE13 CAT34AC02 CAT34AC02JA |
Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:24; Connector Shell Size:24; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Pin; Gender:Female Silver Mica Capacitor; Capacitance:4300pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No MB 55C 55#20 SKT RECP 2K-Bit SMBus EEPROM for ACR Card Configuration K位的SMBus对于ACR卡的EEPROM配置 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% K位的SMBus对于ACR卡的EEPROM配置 Mounting Bracket; Body Material:Plastic; Color:Black; Outer Diameter:2.063" RoHS Compliant: Yes K位的SMBus对于ACR卡的EEPROM配置
|
http:// CATALYST[Catalyst Semiconductor] Honeywell International, Inc. KEMET Corporation
|
MX29LV160BBTC-70G MX29LV160BBTC-90G MX29LV160BBTI- |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 10A 45V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 60V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 80V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 MICA RoHS Compliant: No 1 A 20 V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 1 A 20 V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 Silver Mica Capacitor; Capacitance:7pF; Capacitance Tolerance: 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:3pF; Capacitance Tolerance: /- 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:8pF; Capacitance Tolerance: /- 0.5pF; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1A 100V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Tape and Reel; Qty per Container: 5000 10A 90V Schottky Rectifier; Package: TO-220AC 2 LEAD; No of Pins: 2; Container: Rail; Qty per Container: 50 10A 100V H-Series Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1,600位[2Mx8/1Mx16] CMOS单电V时仅闪存 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. http://
|
|