PART |
Description |
Maker |
MX574A MX574AJCWI MX574AJEPI MX574AJEWI MX574AJN M |
Industry Standard Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 JT 10C 10#20 PIN RECP 行业标准完整2位A / D转换 Analog to Digital Converter Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Iudustry Standard Complete 12-Bit A/D Converters Industry-Standard, 12-Bit ADC with Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD1671JP-REEL AD1671AQ AD1671JP |
; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
|
Analog Devices, Inc.
|
AD1672 AD1672AP |
Complete 12-Bit/ 3 MSPS Monolithic A/D Converter ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options
|
Analog Devices, Inc.
|
AD571 5962-8680202VA AD571KD/ AD571SCHIPS |
10-Bit A/D Converter ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom 10-Bit, A/D Converter, Complete with Reference and Clock
|
Analog Devices, Inc.
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
E96BP-2 E96VP |
Industry Standard Dimensions
|
Energizer
|
IRF7821PBF-1 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|
IRF7807VPBF-1 IRF7807VPBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|
IRLTS6342PBF |
Industry-Standard TSOP-6 Package
|
International Rectifier
|
IRF7907PBF-1 IRF7907PBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|