PART |
Description |
Maker |
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
LTC2292CUP LTC2291CUP LTC2293CUP |
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs 2位,65/40/25Msps低功V的模数转换器
|
Linear Technology Corporation Linear Technology, Corp.
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
MAX1603 MAX1603EAI MAX159BMJA MAX159BEPA MAX159AEU |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin ?MAX 2.7V Low-Power 2-Channel 108ksps Serial 10-Bit ADCs in 8-Pin ?MAX KPSE 12C 8#20 4#16 PIN RECP 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX 2.7V、低功耗通道108ksps、串0位ADC引脚µMAX封装 CAP 33UF 100V ELECT TG SMD
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC MAXIM INTEGRATED PRODUCTS INC
|
A2919 A29400UV-90 A29040AL-90 A2919EB A2919ELB |
Dual Full-Bridge PWM Motor Driver 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory
|
Allegro MicroSystems AMIC Technology
|
29F020 AM29F002NBT-55 AM29F002B/AM29F002NB AM29F00 |
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory -20V Dual P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7404QPBF with Standard Packaging 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
AM29SL800DB90EC AM29SL800DB90ED AM29SL800DT90EC AM |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29BDD160GB65A AM29BDD160GT65A AM29BDD160G AM29BD |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL400CB100REC AM29SL400CT100REC AM29SL400CT100 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|