PART |
Description |
Maker |
2SC5488A |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR VHF to UHF Wide-Band Low-Noise Amplifier Applications
|
Sanyo Semicon Device
|
UTV005P |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 0.5; Gain (dB): 10; Vcc (V): 20; ICQ (A): 0.22; IMD Type (dB): -60; Case Style: 55FU-2 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
NE5531079A-A NE5531079A-T1-A NE5531079A-T1A |
UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET LEAD FREE, 79A, 4 PIN 7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
|
Duracell Renesas Electronics Corporation
|
MT6L61AE |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
KV2101 KV2001 KV2501-15 KV2501-00 KV2801 KV2801-30 |
VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction UHF BAND, 50 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 200 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 155 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
|
Microsemi Corporation MICROSEMI CORP-LOWELL
|
2SK3475 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications VHF-and UHF-band Amplifier Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SC3862 E000891 |
From old datasheet system NPN EPITAXIAL PLANAR TYPE (TY TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SC5088 |
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOESE AMPLIFIER APPLICATIONS) VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BLF2022-70 |
UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET UHF power LDMOS transistor
|
Philips Semiconductors NXP Semiconductors
|
MS1582 |
UHF 860-960 MHz, Class A/AB, Common Emitter; fO (MHz): 0; P(out) (W): 25; Gain (dB): 9; Vcc (V): 25; ICQ (A): 3.2; IMD Type (dB): -45; Case Style: M173 UHF BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
BLT50_CNV_2 BLT50 BLT50-T |
UHF BAND, Si, NPN, RF POWER TRANSISTOR UHF power transistor From old datasheet system
|
NXP Semiconductors N.V.
|
GLP-401 |
UHF Band
|
Soshin
|