PART |
Description |
Maker |
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
CLM2805AZ-X CLM2805CZ-X CLM2805 CLM2805A CLM2805A- |
3 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch Micropower SOT-23/ 120mA Low-Dropout Voltage Regulator ON/OFF Switch Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch 微功率的SOT - 23,一百二十零毫安低压差稳压器ON / OFF开 4 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch 5 V, micropower SOT-23, 120 mA low dropout voltage regulator on/off switch
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
NCV8184D NCV8184DT NCV8184DR2 NCV8184DTRK NCV8184 |
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO4 Micropower 70 mA Low Dropout Tracking Regulator/Line Driver ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
|
ONSEMI[ON Semiconductor]
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
CS8321YDPR3G CS8321YDP3G CS8321YT3G |
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM3
|
ON Semiconductor
|
REF191 REF191ES REF191FS REF191GBC REF191GP REF191 |
From old datasheet system Precision Micropower Low Dropout Voltage References Precision Micropower, Low Dropout, Voltage References
|
AD[Analog Devices]
|
MAX6063AEUR-T MAX6063BEUR-T MAX6062 MAX6064 MAX606 |
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO3 Precision Micropower Low-Dropout High-Output-Current SOT23 Voltage References " Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" Precision / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS8101YTVA5 CS8101YTHA5 CS8101 CS8101YD8 CS8101YDR |
Micropower 5V/ 100mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] N.A. ZF Electronics Corporation
|
LT1964 |
200mA, Low Noise, Low Dropout Negative Micropower Regulator in ThinSOT
|
Linear Technology Corporation
|
LT3060MPTS8 LT3060EDCPBF LT3060IDCPBF LT3060HTS8 L |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology
|