PART |
Description |
Maker |
EL7556BC EL7556BCM EL7556BCM-T13 |
Integrated Adjustable 6 Amp Synchronous Switcher
|
ELANTEC[Elantec Semiconductor]
|
EL7558DCM EL7558DCM- EL7558D EL7558DCM-T13 |
Integrated Adjustable 8 Amp Synchronous Switcher
|
INTERSIL[Intersil Corporation]
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HS0-117RH-Q HS9S-117RH/PROTO |
Adjustable Positive Voltage Regulator; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, UUC6 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
Vishay Intertechnology, Inc. Intersil, Corp. INTERSIL CORP
|
ISL8700IBZ ISL8701 ISL8701IBZ ISL8702 ISL8702IBZ I |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R DSP-ADDRESS SEQUENCER, PDSO14
|
Intersil Corporation Intersil, Corp.
|
LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
Renesas Electronics, Corp. Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ISL88813IP846Z ISL88716IB826Z ISL88716IP826Z ISL88 |
µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
|
Intersil Corporation http:// Intersil, Corp.
|
LT1085IT-12PBF LT1587CT-1.5PBF LT1083IK LM338MK |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-29 V ADJUSTABLE POSITIVE LDO REGULATOR, MBFM4 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EDI8F32256C EDI8F32256C-MN EDI8G32256C-MM |
256Kx32 Static RAM CMOS, High Speed Module(256Kx32高速CMOS静态RAM模块) SRAM Modules TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SRAM模块
|
White Electronic Designs Corporation 3M Company
|
NTE1927 |
Automotive Catalog Dual Operational Amplifier 8-TSSOP -40 to 125 2.2 V-30 V ADJUSTABLE NEGATIVE REGULATOR, MBFM4 Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LT1970CFETR LT1970IFEPBF |
500mA Power Op Amp with Adjustable Precision Current Limit; Package: TSSOP; No of Pins: 20; Temperature Range: 0°C to 70°C 500mA Power Op Amp with Adjustable Precision Current Limit; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 500mA Power Op Amp with Adjustable Precision Current Limit
|
LINEAR TECHNOLOGY CORP
|
ISL6540ACRZA-T |
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 4 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|