PART |
Description |
Maker |
MMBZ20VAL MMBZ5V6AL MMBZ33VAL MMBZ27VAL MMBZ18VAL |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
|
DIODES[Diodes Incorporated]
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
STK402-070 STK402-030 STK402-120 STK402-020 STK402 |
Two-Channel Class AB Audio Power Amplifier IC 40W 40W
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
STK433-040-E |
2-channel class AB audio power IC, 40W 40W
|
Sanyo Semicon Device
|
CHF2525CNT500LW CHF2525CNT500LX |
RESISTOR, 50 OHM 40W DC-9GHZ; Series:CHF2525; Resistance:50R; Tolerance, resistance: /-5%; Power rating:40W; Resistor element type:Thick Film; Case style:2525; Length / Height, external:6.35mm; Tolerance, :5%; Tolerance, -:5%; RoHS Compliant: Yes 9 GHz 40 W Termination Chip
|
BOURNS INC Bourns Electronic Solutions
|
SDL400 |
Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
|
XP Power Limited
|
ASMP5P23S09A ASM5I23S05A-1-08-SR ASM5I23S05A-1-08- |
PWR SUP TRI OUTPUT 40W 5V,12V-5V PWR SUP 40W 5V,8A OUTPUT LM4050 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 3.3V SpreadTrak Zero Delay Buffer
|
ALSC[Alliance Semiconductor Corporation]
|
20KW256A 20KW160 20KW160A 20KW216 20KW216A 20KW240 |
256.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 160.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 216.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 120.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 192.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 112.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 300.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 204.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 232.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 172.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 144.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
2SD633 2SD634 2SD635 |
POWER TRANSISTORS(7A/40W) POWER TRANSISTORS(7A,40W)
|
MOSPEC[Mospec Semiconductor]
|