PART |
Description |
Maker |
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
TS1117B07 TS1117B TS1117BCPXXRO TS1117BCSXXRL TS11 |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
TS1117BCW33 TS1117BCW50 TS1117BCW18 TS1117BCW25 |
800mA Low Dropout Positive Voltage Regulator
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
LT1117IST LT1117_02 LT1117 LT1117-2.85 LT1117-3.3 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4
|
http:// LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1117IST-2.85 LT1117IST-2.85-PBF LT1117IST-2.85-T |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
|
Linear Technology
|
APL108733DC-TRG APL108718DC-TRG APL108718DC-TBG |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
B1584 B1584T |
8.0A Low Dropout Voltage Regulator Adjustable & Fix Output
|
BayLinear ETC[ETC] N.A.
|
OM185ST OM186SR OM186ST OM183SC OM184SC OM185SR |
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A / 5A / 3A / 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 TO-258AA, 3 PIN
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. International Rectifier, Corp.
|