PART |
Description |
Maker |
CY7C016AV CY7C017AV CY7C017AV-20JI CY7C017AV-25JC |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM True Dual-Ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor
|
CY7C09169A-9AI CY7C09159A CY7C09159A-12AC CY7C0915 |
Memory : Dual-Ports 8K/16K x 9 Synchronous Dual-Port Static RAM Memory 内存
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
UMA4N UMB4N UMB8N EMB4 IMB4A FMA4A IMB8A EMA4 |
General purpose (dual digital transistors) Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:44-SOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
ROHM[Rohm] Rohm CO.,LTD. http://
|
BF493 BF492 BF491 |
PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
|
Rectron Semiconductor
|
FMS6400CS1 FMS6400CS1X FMS6400-1 |
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
|
FAIRCHILD[Fairchild Semiconductor]
|
FMS6410 FMS6410CS FMS6410CSX |
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
|
FAIRCHILD[Fairchild Semiconductor]
|
HA5022 HA5022EVAL HA5022IB HA5022IP FN3392 |
Dual/ 420MHz/ Low Power/ Video/ Current Feedback Operational Amplifier with Disable Dual/ 125MHz/ Video Current Feedback Amplifier with Disable From old datasheet system Dual 125MHz Video Current Feedback Amplifier with Disable Dual, 125MHz, Video Current Feedback Amplifier with Disable
|
INTERSIL[Intersil Corporation]
|
M76DW52003TA90ZT M76DW52003BA M76DW52003BA70ZT M76 |
SPECIALTY MEMORY CIRCUIT, PBGA73 32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
1.5KE350C 1.5KE16CA 1.5KE75C 1.5KE6.8C 1.5KE6.8A 1 |
TRANSZORB Transient Voltage Suppressors Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT -40 to 85 BOTTOM HANDSET CORD (U10P)BOTTOM HANDSET CORD (U10P); Connector type A:RJ11; Connector type B:Headset; Colour:Black MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 PTA 1.5/6-3.5 玻璃钝化结瞬态电压抑制电压为440伏特6.8 Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85
|
Vaishali Semiconductor General Semiconductor SURGE[Surge Components] Surge Components, Inc.
|
1.5KE160CC 1.5KE160A 1.5KE16CA 1.5KE62CA 1.5KE75C |
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 243.00 V. Test current IT = 1 mA. Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85 1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500瓦特轴向瞬态电压抑制器 MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 HYB 39S16400CT-8
|
Bytes Comchip Technology Co., Ltd. Littelfuse, Inc. http:// LITTELFUSE[Littelfuse] Won-Top Electronics
|
CD1684N CD1685P CD1685N CD1702N CD1701P CD1684P CD |
VHF Audio/Video Modulator PLL Tuned UHF and VHF Audio/Video High Integration Modulator MC44CM373/4 Audio Video RF CMOS Modulator Multi-Standard Audio/Video Modulator Quad DSI 2.02 Master with Differential Drive and Frequency Spreading System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver Quad High Side Switch (Dual 10mO, Dual 35mO) Ionization Smoke Detector IC with Interconnect TDK DC to DC converters,DC to DC inverters 3G Single Core Modem Platform 模拟IC Analog IC 模拟IC
|
TDK Corporation Infineon Technologies AG Analog Devices, Inc.
|
M59DR032A M59DR032A100N1T M59DR032A100N6T M59DR032 |
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|