PART |
Description |
Maker |
74ABT16646DGG118 |
ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP SEMICONDUCTORS
|
LTC1921 1921F LTC1921CS8 LTC1921IS8 LTC19211 LTC19 |
Dual 48V Supply and Fuse Monitor Dual ?48V Supply and Fuse Monitor From old datasheet system Dual -48V Supply and Fuse Monitor; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
ISL61852AIRZ ISL61852CCRZ ISL61851ACBZ ISL61851AIB |
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation
|
TC54 TC54VC6802EMB713 TC54VC4901ECB713 TC54VN2601E |
The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1uA operating current and small surface-mount packaging. Each part is laser trimmed to the desired threshold volt 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
74ABT652A 74ABT652AD 74ABT652ADB 74ABT652AN 74ABT6 |
Octal transceiver/register, non-inverting (3-State) Octal transceiver/register, non-inverting 3-State Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output Dual 4-input positive-NAND gates 14-PDIP 0 to 70 ABT SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDIP24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
NLSX4378FCT1G NLSX4378BFCT1G |
4-Bit 20 Mbps Dual-Supply Level Translator 4000/14000/40000 SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PBGA12
|
ON Semiconductor
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
BT534ADB112 |
ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
NXP SEMICONDUCTORS
|
TC74LCXR164245FT TC74LCXR164245FT07 |
16-Bit Dual Supply Bus Transceiver with Series Resistor
|
Toshiba Semiconductor
|