PART |
Description |
Maker |
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
KM681000AL-LPI-7L-L KM62256BLPI-85L KM681000ALPI-8 |
128K X 8 STANDARD SRAM, 70 ns, PDIP32 DIP-32 32K X 8 STANDARD SRAM, 85 ns, PDIP28 DIP-28 128K X 8 STANDARD SRAM, 85 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 100 ns, PDIP32 DIP-32 128K X 8 STANDARD SRAM, 80 ns, PDSO32 SOP-32 128K X 8 STANDARD SRAM, 45 ns, PDSO32 128K X 8 STANDARD SRAM, 45 ns, PDIP 32K X 8 STANDARD SRAM, 120 ns, PDIP28 256K X 16 STANDARD SRAM, 45 ns, PDSO 256K X 16 STANDARD SRAM, 70 ns, PDSO 64K X 8 STANDARD SRAM, 85 ns, PDSO32 32K X 8 STANDARD SRAM, 70 ns, PDSO32 64K X 16 STANDARD SRAM, 45 ns, PDSO40 256K X 16 STANDARD SRAM, 55 ns, PDSO40 64K X 16 STANDARD SRAM, 55 ns, PDSO 128K X 8 STANDARD SRAM, 85 ns, PDSO32
|
Coilcraft, Inc.
|
AS7C256A AS7C256A-10JC AS7C256A-15JCN AS7C256A-15J |
IC,AS7C256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,5V 5V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 20 ns, PDSO28 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
SMCP-65656L55P883 AMCP-65656L55SHXXX MMCP-65656L55 |
32K X 8 STANDARD SRAM, 55 ns, CDIP28 0.300 INCH, SIDE BRAZED, DIP-28 32K X 8 STANDARD SRAM, CDFP28 32K X 8 STANDARD SRAM, 55 ns, CDFP28
|
Atmel, Corp.
|
CY7C199 CY7C199-10VC CY7C199-10VI CY7C199-10ZC CY7 |
32K x 8 Static RAM ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, PDSO28 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, CQCC28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, CQCC28 32K x 8 Static RAM 32K的8静态RAM
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
CY7C199NL-15ZXC CY7C199N-25PXC CY7C199N-55PXC CY7C |
32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 35 ns, PDIP28
|
Cypress Semiconductor, Corp. http://
|
P4C1256L70SNILF P4C1256L55PILF P4C1256L70PCLF P4C1 |
LOW POWER 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 LOW POWER 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 55 ns, PDIP28 LOW POWER 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 70 ns, PDIP28 LOW POWER 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 70 ns, CDIP28 LOW POWER 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 55 ns, PDSO28
|
Pyramid Semiconductor, Corp.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
IS62LV256- IS62LV256-70TI IS62LV256-70T IS62LV256 |
32K x 8 LOW VOLTAGE STATIC RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28
|
ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc] Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
IDT71008S12Y IDT71008S20PH |
cmos static ram 32K*16-BIT 32K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Device Technology, Inc.
|
|