PART |
Description |
Maker |
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
ADP3624 ADP3623 ADP3625 ADP3633 ADP3634 |
High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A & non-inverting B input pins, 4.5V < V<sub>in</sub> < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 9.5V < V-in < 18V High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 9.5V < Vin < 18V
|
Analog Devices
|
2SC828 BFY39 MPS6565 MPS9602 2N4286 BC260 BC280 BC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 100mA的一(c)|92 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|8 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 200MA I(C) | TO-92 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 500MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-98 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 100MA I(C) | TO-92 Cyclone FPGA 3K TQFP-144 Cyclone II FPGA 5K FBGA-256 Cyclone FPGA 3K TQFP-100 Cyclone FPGA 12K PQFP-240 Cyclone FPGA 4K FBGA-400 Stratix II FPGA 180K FBGA-1020 Stratix FPGA 25K FBGA-1020 Stratix II FPGA 15K FBGA-672 Stratix II GX FPGA 60K FPGA-780 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 ZENER DIODES Audio Frequency Small Signal Transistors
|
Semiconductor Technology Bourns, Inc. KEC Holdings Semiconductors
|
ISL55100AEVAL3Z |
Quad 18V Pin Electronics Driver/Window Comparator
|
Intersil Corporation
|
H11N1 H11N1-M H11N1SR2VM H11N2 H11N2-M H11N3SM H11 |
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS 6-Pin DIP Low Input Current Schmitt Trigger Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
MOCD217-M MOCD217M MOCD217R2VM MOCD217R1M |
DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT) 8-Pin SOIC Dual Channel Low Input Current Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
KPS28010Z |
4 Pin SSOP Low Input Current Photocoupler
|
COSMO Electronics Corporation
|
IT8702F |
Super-Low Pin Count Input/Output (LPC I/O)
|
N.A. ETC
|
H11AG33SD H11AG3S H11AG3SD H11AG3300 H11AG3300W H1 |
6-Pin DIP Low Current Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
P87LPC762 P87LPC762BD P87LPC762BDH P87LPC762BN P87 |
Low power low price low pin count 20 pin microcontroller with 2 kbyte OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,DIP,20PIN,PLASTIC Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
|
PHILIPS[Philips Semiconductors]
|