PART |
Description |
Maker |
MC74HC273AN MC74HC273ADTR2 MC74HC273ADT MC74HC273 |
Octal D-Type Flip-Flop OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
ON Semiconductor ONSEMI
|
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MM74C74N MM74C74 MM74C74M MM74C74MX |
Dual D Flip-Flop; Package: SOIC; No of Pins: 14; Container: Tape & Reel CMOS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162374T 74ALVCH162374 74ALVCH162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
M81016FP M81016KP M81016P M81016P09 |
81016 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO20 OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
MC100EL52DG MC100EL52DR2G MC100EL52DT MC100EL52DTG |
5V ECL Differential Data and Clock D Flip-Flop 100EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
ONSEMI[ON Semiconductor]
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
M81049P M81049SP M81049FP |
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR 81049 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO20 81049 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDIP20
|
Mitsubishi Electric Semiconductor
|
74VCX162374 74VCX162374MTD |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVC162374A 74LVC162374ADGG 74LVC162374ADL 74LVC_ |
16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC -40 to 85 16-bit edge triggered D-type flip-flop with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位边沿触发D触发器(三态)) From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|