PART |
Description |
Maker |
LTC1411 LTC1411CG LTC1411IG |
Single Supply 14-Bit 2.5Msps ADC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO36 5V, Single Supply 14-Bit 2.5Msps, Parallel Interface
|
Linear Technology, Corp.
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
AS4C14400-70JC AS4C14405-60JC AS4C14405-50TC AS4C1 |
1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 70ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 60ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 50ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 70ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 40ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 60ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 50ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 40ns
|
Alliance Semiconductor
|
LTC1605-2 LTC1605-2CN LTC1605-2I LTC1605-2IN LTC16 |
Single Supply 16-Bit/ 100ksps/ Sampling ADCs 16-Bit, 100ksps, Sampling ADC; Package: PDIP; No of Pins: 28; Temperature Range: -40°C to 85°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Single Supply 16-Bit, 100ksps, Sampling ADCs 单电16位,100ksps的,采样ADC Single Supply 16-Bit, 100ksps, Sampling ADCs 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Single Supply 16-Bit, 100ksps, Sampling ADCs 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Single Supply 16-Bit, 100ksps, Sampling ADCs 单电6位,100ksps的,采样ADC
|
Linear Technology Corporation Linear Technology, Corp.
|
AD5381 EVAL-AD5381EB AD5381BST-3 AD5381BST-3-REEL |
40-Channel 12-Bit 3 V/5 V Single-Supply Voltage-Output DAC 40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC From old datasheet system
|
AD[Analog Devices]
|
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
EVAL-AD7859CB4 EVAL-CONTROL EVAL-CONTROLBOARD |
3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs 3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs 3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
|
Analog Devices
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
|