PART |
Description |
Maker |
27C080 AT27C080 AT27C080-10DC AT27C080-10DI AT27C0 |
8-Megabit 1M x 8 UV Erasable CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 1M X 8 OTPROM, 90 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 1M X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
DM74ALS564A DM74ALS564AWM DM74ALS564AN |
Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flop with From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
DM74AS374 DM74AS374N DM74AS374WM |
From old datasheet system Octal D-Type Edge-Triggered Flip-Flops
|
FAIRCHILD[Fairchild Semiconductor]
|
U74HC374L-P20-R U74HC374L-P20-T |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
DM74ALS534WM DM74ALS534WMX |
Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
|
Fairchild Semiconductor
|
CD54AC5343A CD54ACT5343A |
Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Inverting
|
http:// INTERSIL[Intersil Corporation]
|
LT1506G LT1504G LT1507G LT1505G LT1501G LT1502G LT |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 24-SO 0 to 70 1.5A GLASS PASSIVATED RECTIFIER
|
Diodes Inc. Linear Technology DIODES[Diodes Incorporated]
|
HCTS574MS FN2359 HCTS574D HCTS574DMSR HCTS574HMSR |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
INTERSIL[Intersil Corporation]
|