PART |
Description |
Maker |
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MC100LVEL91DWR2 |
3.3 V Triple LVPECL Input to −3.3 V to −5.0 V ECL Output Translator TRIPLE PECL TO ECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20
|
ON Semiconductor
|
MC100LVEL91-D |
3.3V / 5V Triple LVPECL / PECL Input to -3.3V ECL Output Translator
|
ON Semiconductor
|
MC100EL91DW MC100EL9106 MC100EL91DWR2 MC100EL91DWR |
5 V Triple PECL Input to −5 V ECL Output Translator
|
ONSEMI[ON Semiconductor]
|
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MC100LVEL90DW MC100LVEL9006 MC100LVEL90DWR2 MC100L |
−3.3V / −5V Triple ECL Input to LVPECL Output Translator
|
ONSEMI[ON Semiconductor]
|
MC10H105M MC10H10506 MC10H105MEL MC10H105MELG MC10 |
Triple 2-3-2-Input OR/NOR Gate; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 10H SERIES, TRIPLE 3-INPUT OR/NOR GATE, PQCC20 Triple 2−3−2−Input OR/NOR Gate
|
ONSEMI[ON Semiconductor]
|
P6SMBJ91CA P6SMBJ.8CA P6SMBJ100A P6SMBJ100CA P6SMB |
3.3V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Divide by 4 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 硅雪崩二极管- 600W表面贴装瞬态电压Supressors Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 600W表面贴装瞬态电压Supressors 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Quad Differential Receiver; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 Power Rectifier; Current Rating:1A; Mounting Type:Through Hole; Package/Case:DO-26 5V ECL 6-Bit 2:1 Mux-Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 3.3V Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
Rectron Semiconductor Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|
MC100EL59DW MC100EL5906 MC100EL59DWG MC100EL59 |
5V ECL Triple 2:1 Multiplexer
|
ONSEMI[ON Semiconductor]
|